Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18BXC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18BXC
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18BXC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18BXC Datasheet HTML 1Page - M-System Co.,Ltd. 18BXC Datasheet HTML 2Page - M-System Co.,Ltd. 18BXC Datasheet HTML 3Page - M-System Co.,Ltd. 18BXC Datasheet HTML 4Page - M-System Co.,Ltd. 18BXC Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: 18BXC
http://www.m-system.co.jp/
18BXC SPECIFICATIONS
ES-1892 Rev.13 Page 1/5
Rack-mounted DCS Signal Conditioners 18-RACK
STANDARD RACK
Functions & Features
• Standard 19" rack for 18-RACK signal conditioners
• Line power access at the terminal card, supplied via the
rear rack bus
• Direct interface to various DCS with the rack side
connector
MODEL: 18BXC–1[1][2]
ORDERING INFORMATION
• Code number: 18BXC-1[1][2]
Specify a code from below for [1] and [2]
(e.g. 18BXC-11/W)
FUNCTION
1: Power distribution
[1] CONNECTOR
1: Fujitsu FCN type I/O connector
2: Yokogawa VMx / PM1 card use
3: Yokogawa MAC2 / PAC card use
H1: Hitachi DCS EX connector
H2: Hitachi DCS EX-CDL cable connector
E5: Toshiba DCS VAIMX1 card use
E6: Toshiba DCS VAOPX1 card use
K1: Yamatake DCS AI connector
K2: Yamatake DCS AO connector
K5: Yamatake DCS PI connector
V1: Shimadzu DCS connector
M-System guarantees the connecting section.
[2] OPTIONS
Mounting Bracket
blank: Rack mounting, standard
/W: Surface mounting
RELATED PRODUCTS
• Blank filler plate (model: P-181)
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Construction: Metal plates assembly
Coating: Colored Zn-Cr
Capacity: 16 positions
Connection
Power input: M4 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated brass
INSTALLATION
Power input
•DC: Operating voltage range 24 V DC ±10 %, 2.5 A
minimum (ripple 10 % p-p max.)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: JIS or EIA standard rack or surface
Weight: 1.7 kg (3.7 lbs)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
(I/O connector to power to FG)
Dielectric strength:
500 V AC @ 1 minute (I/O connector to power)
1000 V AC @ 1 minute (I/O connector or power to FG)


Similar Part No. - 18BXC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18BXCA MSYSTEM-18BXCA Datasheet
194Kb / 5P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCA-11 MSYSTEM-18BXCA-11 Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCA-11/W MSYSTEM-18BXCA-11/W Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCA-12 MSYSTEM-18BXCA-12 Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCA-12/W MSYSTEM-18BXCA-12/W Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
More results

Similar Description - 18BXC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18APT MSYSTEM-18APT Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18BX MSYSTEM-18BX Datasheet
116Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCS MSYSTEM-18BXCS Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18HZ MSYSTEM-18HZ Datasheet
95Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JF MSYSTEM-18JF Datasheet
104Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JM MSYSTEM-18JM Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18MK MSYSTEM-18MK Datasheet
90Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18PV MSYSTEM-18PV Datasheet
89Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18TS MSYSTEM-18TS Datasheet
100Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18YCH MSYSTEM-18YCH Datasheet
93Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com