Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18BXCS Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 18BXCS
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18BXCS Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  18BXCS Datasheet HTML 1Page - M-System Co.,Ltd. 18BXCS Datasheet HTML 2Page - M-System Co.,Ltd. 18BXCS Datasheet HTML 3Page - M-System Co.,Ltd. 18BXCS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 18BXCS
http://www.m-system.co.jp/
18BXCS SPECIFICATIONS
ES-1807 Rev.7 Page 2/4
MOUNTING REQUIREMENTS
Observe appropriate wiring space over and under the rack.
450 (17.72)
4–M5 SCREW
465 (18.31)
ANGLE BRACKET
CONNECTION DIAGRAM
5
+
1
2
POWER
+
FG
EARTH
GND BAR
3
4
CN1
CN2 *
* CN2 is connectable only with:
• Fujitsu FCN type I/O connector
• Yokogawa DCS MAC2 / PAC card use
DIMENSIONS unit: mm (inch)
1
3
5
7
9
11
13
15
2
4
6
8
10
12
14
16
465 (18.31)
480 (18.90)
439 (17.28)
CN2
5–M4 POWER
TERMINAL
2
3
4
1
5
CN1
5
1
3
1
6
1
4
1
2
GROUND BAR
MTG SCREW (2–M4)
SHIELD TERMINALS (16–M3.5 SCREW)
GROUND TERMINAL (M3.5 SCREW)
GROUND BAR
INSULATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com