Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18HZ Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 18HZ
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18HZ Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  18HZ Datasheet HTML 1Page - M-System Co.,Ltd. 18HZ Datasheet HTML 2Page - M-System Co.,Ltd. 18HZ Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 18HZ
18HZ SPECIFICATIONS
ES-1870 Rev.6 Page 2/3
http://www.m-system.co.jp/
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(input to output 1 or output 2 or power)
500 V AC @ 1 minute
(output 1 to output 2 to power)
2000 V AC @1 minute
(input or output or power to ground)
CONNECTION DIAGRAM
1 2
V
U
v
u
FUSE
VT
SOURCE
1
2
+
–
OUTPUT 2
POWER
OUTPUT 1
OUTPUT 2
5
6
EXTERNAL DIMENSIONS unit: mm (inch)
24 (.94)
7 (.28)
78 (3.07)
32 (1.26)
8–M3.5
SCREW
7 (.28)
2–M3
SCREW
TERMINAL ASSIGNMENTS
1
2
3
4
7
8
5
6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com