Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18JM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18JM
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18JM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18JM Datasheet HTML 1Page - M-System Co.,Ltd. 18JM Datasheet HTML 2Page - M-System Co.,Ltd. 18JM Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 18JM
18JM SPECIFICATIONS
ES-1865 Rev.11 Page 1/3
http://www.m-system.co.jp/
Rack-mounted DCS Signal Conditioners 18-RACK
POTENTIOMETER CONVERTER
(field-programmable)
Functions & Features
• Providing two DC outputs proportional to a
potentiometer or slidewire position input
• Microprocessor based
• Constant voltage excitation allows
use with pots with total resistances from 100 Ω – 10 kΩ
without affecting accuracy
• 75 % zero/span adjustments with minimal interaction
• Linearization data programmable via hand-held
programmer PU-2x
• Loop testing via hand-held programmer PU-2x
• Second channel output available at the front terminals
and at the Standard Rack connector
Typical Applications
• Tank levels
• Positions
• Linearizing non-linear signal characteristics by the
sensor's linking mechanism
MODEL: 18JM–166–R
ORDERING INFORMATION
• Code number: 18JM-166-R
• Linearization data (max. 16 points)
Use Ordering Information Sheet (No. ESU-1669) to specify
linearization data when the I/O signals are non-linear.
INPUT POTENTIOMETER
1: Total resistance 100 Ω – 10 kΩ
OUTPUT 1
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
OUTPUT 2
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output 1: Connector
Output 2: M3.5 screw terminals (torque 0.8 N·m)
and connector
Power input: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Input to output 1 to output 2 to power
Linearization: 16 points max. within the range of -15.00 –
+115.00 % input or output; represented as percentage of
full-scale
Adjustments: Programming Unit (model: PU-2x);
linearization data (Unused resistance of the potentiometer's
total resistance can be programmed with the linearization
table.), zero and span, simulating output, etc.
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON.)
INPUT SPECIFICATIONS
Minimum span: 25 % of total resistance (set with the
Programming Unit [model: PU-2x] or PC configurator
software [model: JXCON])
Excitation: 0.25 V DC
INSTALLATION
Current consumption: Approx. 60 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)


Similar Part No. - 18JM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18JDL MSYSTEM-18JDL Datasheet
131Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JDL-A066-R MSYSTEM-18JDL-A066-R Datasheet
131Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JDL-A166-R MSYSTEM-18JDL-A166-R Datasheet
131Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JDL-A266-R MSYSTEM-18JDL-A266-R Datasheet
131Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JDL-A366-R MSYSTEM-18JDL-A366-R Datasheet
131Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
More results

Similar Description - 18JM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18AS2 MSYSTEM-18AS2 Datasheet
125Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18APT MSYSTEM-18APT Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18BX MSYSTEM-18BX Datasheet
116Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCS MSYSTEM-18BXCS Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18HZ MSYSTEM-18HZ Datasheet
95Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JF MSYSTEM-18JF Datasheet
104Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18MK MSYSTEM-18MK Datasheet
90Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18PV MSYSTEM-18PV Datasheet
89Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18TS MSYSTEM-18TS Datasheet
100Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18YCH MSYSTEM-18YCH Datasheet
93Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com