Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3005LD Datasheet(PDF) 5 Page - STMicroelectronics

Part # M3005LD
Description  REMOTE CONTROL TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3005LD Datasheet(HTML) 5 Page - STMicroelectronics

  M3005LD Datasheet HTML 1Page - STMicroelectronics M3005LD Datasheet HTML 2Page - STMicroelectronics M3005LD Datasheet HTML 3Page - STMicroelectronics M3005LD Datasheet HTML 4Page - STMicroelectronics M3005LD Datasheet HTML 5Page - STMicroelectronics M3005LD Datasheet HTML 6Page - STMicroelectronics M3005LD Datasheet HTML 7Page - STMicroelectronics M3005LD Datasheet HTML 8Page - STMicroelectronics M3005LD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Table 4 : Key Codes
Matrix
Drive
Matrix
Sense
Code
Matrix
Position
F
E
D
CBA
DRV0N
DRV1N
DRV2N
DRV3N
DRV4N
DRV5N
DRV6N
VSS
SEN0N
SEN0N
SEN0N
SEN0N
SEN0N
SEN0N
SEN0N
SEN0N
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
*
*
*
*
*
*
*
SEN1N
SEN2N
SEN3N
SEN4N
SEN5N
SEN6N
SEN5N and SEN6N
0
0
0
1
1
1
1
0
1
1
0
0
1
1
1
0
1
0
1
0
1
**
**
**
**
**
*
**
8to 15
16 to 23
24 to 31
32 to 39
40 to 47
48 to 55
56 to 63
*
The complete matrix drive as shown above for SEN0N is also applicable for the matrix sense inputs SEN1N to SEN6N and the combined
SEN5/SEN6N.
**
The C, B and A codes are identical to SEN0N as given above.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage Range
- 0.3 to + 7
V
VI
Input Voltage Range
- 0.3 to (VDD + 0.3)
V
VO
Output Voltage Range
- 0.3 to (VDD + 0.3)
V
± I
D.C. Current into Any Input or Output
Max. 10
mA
- I (REMO) M
Peak REMO Output Current during 10
µs, Duty Factor = 1%
Max. 300
mA
Ptot
Power Dissipation per Package for TA = - 20 to + 70
oC
Max. 200
mW
Tstg
Storage Temperature Range
- 55 to + 150
oC
TA
Operating Ambient Temperature Range
- 20 to + 70
oC
ELECTRICAL CHARACTERISTICS
VSS = 0V, TA =25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
TA = 0 to + 70
oC
2
6.5
V
IDD
Supply Current
Active fOSC = 455kHz
VDD =3V
REMO,Output unload
VDD =6V
0.25
1.0
0.5
2
mA
mA
Inactive (stand-by mode)
VDD =6V
2
µA
fOSC
Oscill. Frequency
VDD = 2 to 6.5V (cer resonator)
350
600
kHz
KEYBOARD MATRIX - Inputs SE0N to SEN6N
VIL
Input Voltage Low
VDD = 2 to 6.5V
0.3 x VDD
V
VIH
Input Voltage High
VDD = 2 to 6.5V
0.7 x VDD
V
-II
Input Current
VDD =2V, VI =0V
VDD = 6.5V, VI =0V
10
100
100
600
µA
µA
II
Input Leakage Current
VDD = 6.5V, VI =VDD
1
µA
KEYBOARD MATRIX - Outputs DRV0N to DRV6N
VOL
Output Voltage ”ON”
VDD =2V, IO = 0.25mA
VDD = 6.5V, IO = 2.5mA
0.3
0.6
V
V
IO
Output Current ”OFF”
VDD = 6.5V, VO = 11V
10
µA
M3005LAB1 - M3005LD
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com