Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJPAD2-1EB-S/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # WJPAD2-1EB-S/Q
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WJPAD2-1EB-S/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  WJPAD2-1EB-S/Q Datasheet HTML 1Page - M-System Co.,Ltd. WJPAD2-1EB-S/Q Datasheet HTML 2Page - M-System Co.,Ltd. WJPAD2-1EB-S/Q Datasheet HTML 3Page - M-System Co.,Ltd. WJPAD2-1EB-S/Q Datasheet HTML 4Page - M-System Co.,Ltd. WJPAD2-1EB-S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: WJPAD2
WJPAD2 SPECIFICATIONS
ES-2275 Rev.2 Page 5/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
VS
+
–
Isolation
Base Socket
Waveform
Shaper
Output
Driver
1
2
U(+)
V(–)
POWER
7
8
Digital
Computation
SERIAL TRANSMISSION LINE
PU-2x
MODULAR JACK
–
INPUT
+ 3
5
4
+
SENSOR EXCITATION
3
5
4
+
5kΩ
■ Open Collector
or Mechanical Contact
Input Connection Examples
+
–
–
Vsns
PWR
■ 2-Wire Current Pulse
•Built-in Excitation
Excitation
Supply
3
5
4
–
+
Vsns
2-WIRE
PICK-UP
•External DC Supply
3
5
4
–
Vsns
2-WIRE
PICK-UP
+
+
DC SUPPLY
–
100Ω
■ Voltage Pulse
3
5
4
+
+
–
–
Vsns
PWR
100Ω
S
Z
INPUT
MON.
DETECT.
LEVEL
Ry
INPUT
RANGE
1
2
10
11
S
Z
+
–
OUTPUT 1
OUTPUT 2
Output
Driver
9
6
+
ALARM OUTPUT
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com