Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US2MA Datasheet(PDF) 1 Page - ON Semiconductor

Part # US2MA
Description  Super Fast Surface Mount Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

US2MA Datasheet(HTML) 1 Page - ON Semiconductor

  US2MA Datasheet HTML 1Page - ON Semiconductor US2MA Datasheet HTML 2Page - ON Semiconductor US2MA Datasheet HTML 3Page - ON Semiconductor US2MA Datasheet HTML 4Page - ON Semiconductor US2MA Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2018
February, 2021 − Rev. 4
1
Publication Order Number:
US2AA/D
Super Fast Surface Mount
Rectifiers
US2AA-US2MA
Features
• Glass Passivated Chip Junction
• High Surge Capacity
• Low Forward Voltage Drop
• Fast Switching with Reverse Recovery Time: 50∼75 ns Maximum
• UL Flammability 94 V − 0 Classification
• MSL 1 per J−STD−020
• RoHS Compliant / Green Molding Compound
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable*
Table 1. ORDERING INFORMATION
Part Number
Top Mark
Package
Packing
Method
US2AA,
NRVUS2AA*
US2AA
DO−214AC (SMA)
Tape and Reel
US2BA,
NRVUS2BA*
US2BA
DO−214AC (SMA)
Tape and Reel
US2DA,
NRVUS2DA*
US2DA
DO−214AC (SMA)
Tape and Reel
US2FA,
NRVUS2FA*
US2FA
DO−214AC (SMA)
Tape and Reel
US2GA,
NRVUS2GA*
US2GA
DO−214AC (SMA)
Tape and Reel
US2JA,
NRVUS2JA*
US2JA
DO−214AC (SMA)
Tape and Reel
US2KA,
NRVUS2KA*
US2KA
DO−214AC (SMA)
Tape and Reel
US2MA,
NRVUS2MA*
US2MA
DO−214AC (SMA)
Tape and Reel
www.onsemi.com
SMA/DO−214AC
COLOR BAND DENOTES CATHODE
1
2
Cathode
Anode
$Y&Z&3
US2XA
MARKING DIAGRAM
$Y
= ON Semiconductor Logo
&Z
= Assembly Plant Code
&3
= Data Code (Year & Week)
US2XA
= Specific Device Code
X
= A/B/D/F/G/J/K/M
2
1


Similar Part No. - US2MA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2MA SSE-US2MA Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
PACELEADER INDUSTRIAL
US2MA PACELEADER-US2MA Datasheet
158Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Shenzhen Luguang Electr...
US2MA LUGUANG-US2MA Datasheet
180Kb / 2P
Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
US2MA TAYCHIPST-US2MA Datasheet
3Mb / 2P
Surface Mount Ultrafast Rectifiers
logo
Microdiode Semiconducto...
US2MA CHENDA-US2MA Datasheet
394Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US2MA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SS5A EIC-SS5A Datasheet
41Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SynSemi, Inc.
MURA130 SYNSEMI-MURA130 Datasheet
44Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
SSOA SYNSEMI-SSOA Datasheet
35Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES2A WEITRON-ES2A Datasheet
45Kb / 2P
Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS3A EIC-SS3A_05 Datasheet
43Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES3AB WEITRON-ES3AB_11 Datasheet
191Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFAS801G TSC-SFAS801G_14 Datasheet
385Kb / 4P
Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES2AA GOOD-ARK-ES2AA_15 Datasheet
407Kb / 2P
super fast surface mount rectifiers
logo
Anova Technologies CO.,...
ES3B ANOVA-ES3B Datasheet
296Kb / 2P
Surface Mount Super Fast Rectifiers
logo
ON Semiconductor
US1AFA ONSEMI-US1AFA Datasheet
204Kb / 5P
Super Fast Surface Mount Rectifiers
January, 2021 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com