Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC17C724EP Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC17C724EP
Description  0.4 A Dual H-Bridge Motor Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17C724EP Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC17C724EP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
17C724
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions TA = 25°C, VDD = VM = 3.0V, unless otherwise noted. Typical values noted reflect the
approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT (VDD, PSAVE)
Supply Voltage Range
Motor Driver Supply Voltage
Logic Supply Voltage
VM
VDD
2.7
2.7
3.0
3.0
5.5
5.5
V
Standby Power Supply Current (10)
VM = 3.0 V
VDD = 3.0 V
IV
MSTBY
IV
DDSTBY
–
–
–
–
1.0
1.0
µA
Operating Power Supply Current (11)
VDD = 3.0 V
IC
–
40
100
µA
Logic Input Function
High-Level Input Voltage
Low-Level Input Voltage
High-Level Input Current
Low-Level Input Current
PSAVE Terminal Low Level Input Current (12)
VIH
VIL
I.IH
IIL
IIL
VDD 0.7
–
–
-1.0
–
–
–
–
–
-30
–
VDD 0.3
1.0
–
-60
V
V
µA
µA
µA
Driver Output ON Resistance (13)
RDS(ON)
–
1.0
1.5
Ω
Low-Voltage Shutdown Detection Voltage (14)
VDDDET
1.5
2.0
2.5
V
Notes
10.
Power SAVE mode.
11.
IC is the sum of the current of VDD monitor block “Low Voltage Detection Module” and the PSAVE pull-up resistor at fIN = 200 kHz.
12.
VDD = 3.0 V.
13.
IO = 375 mA. RDS(ON) = RSOURCE + RSINK. RL = 6.8 Ω.
14.
Detection voltage is defined as when the output becomes high impedance after VDD voltage falls and when VM = 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com