Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK645/50/SA Datasheet(PDF) 8 Page - ON Semiconductor

Part # SK645/50/SA
Description  Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SK645/50/SA Datasheet(HTML) 8 Page - ON Semiconductor

Back Button SK645/50/SA Datasheet HTML 4Page - ON Semiconductor SK645/50/SA Datasheet HTML 5Page - ON Semiconductor SK645/50/SA Datasheet HTML 6Page - ON Semiconductor SK645/50/SA Datasheet HTML 7Page - ON Semiconductor SK645/50/SA Datasheet HTML 8Page - ON Semiconductor SK645/50/SA Datasheet HTML 9Page - ON Semiconductor SK645/50/SA Datasheet HTML 10Page - ON Semiconductor SK645/50/SA Datasheet HTML 11Page - ON Semiconductor SK645/50/SA Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SECO−MDK−4KW−65SPM31−GEVB
www.onsemi.com
8
FAN8303 and NCP718 Auxiliary Power Supplies
The FAN8303 is a non−isolated buck that is used as
converter from 15 Vdc to 5 Vdc output. The maximum
power demand is 2.9 W. Figure 6 depicts the schematic of
the 5 Vdc auxiliary power supply. Similarly to the
NCP1063, the design and sizing of the passive components
has been inspired by the applications notes in [4]. The
desired output voltage value can be set by tuning the values
of the voltage divider (R5 and R6) connected to the FB pin.
Additionally, the value of C17 on the COMP pin is tuned
empirically to reflect the desired voltage at the converter
output. The controller operates at fixed 370 kHz with an
efficiency up to 90%. This allows a design with only 22
mH
magnetizing inductance (see L3) and two 22
mF capacitors
(see C13 and C14). Finally, Figure 6 depicts the NCP718
LDO, which is responsible for the 3.3 Vdc rail generation.
Figure 6. Schematic of Auxiliary 5 Vdc and 3.3 Vdc Power Supply
Inverter Stage: Compact Intelligent Power Module
(IPM) Technology
This subsection shows how the necessary circuitry for
operation, measurement and protection is setup around the
NFAM5065L4B IPM. In addition, it illustrates the necessary
circuitry to provide and capture the signals around the
module (i.e. the output signals: T_MODULE, IPM_FAULT;
and the input signals: ITRIP, IPM_DIS, and gate driver
signals INH_U, INH_V, INH_W, INL_U, INL_V, INL_W).
Finally, it illustrates the provision of the voltage rails for the
IPM (15 Vdc rail reference), as well as the measurement of
the DC−Link and inverter−phase voltages. Activation of
IPM stage (connection to 15 Vdc power supply) is via J1
(soldered pads). Figure 7 shows the J1 pads at the bottom
side of the board; mind that pads should be soldered together
to enable the 15 Vdc to the IPM. Following, Figure 8 shows
the schematic of the inverter stage and the necessary
circuitry around it. Finally, Figure 8 depicts the DC−Link
voltage (voltage divider containing R46, R52, R53 and R55)
and the inverter output phase−voltage measurement
circuitry (voltage divider for phase−U containing R31, R34,
R40 and R42; voltage divider for phase−V containing R32,
R35, R41 and R43; and voltage divider for phase−W
containing R29, R33, R39 and R44). The inverter output
voltage phases can be used by the software for zero crossing
detection or other control purposes. The signals from the
10 m
W shunt resistors are going to current measurement and
over−current protection circuits. Details regarding the ADC
resolution of the above sensed electrical quantities can be
found in Table 1. Next paragraphs are dedicated to the
elaboration of the above mentioned circuitries.
Figure 7. J1 Pads at the Bottom of the Board (the Pads should be Soldered to Enable the 15 Vdc in the IPM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com