Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18BXE--L/M Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 18BXE--L/M
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18BXE--L/M Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  18BXE--L/M Datasheet HTML 1Page - M-System Co.,Ltd. 18BXE--L/M Datasheet HTML 2Page - M-System Co.,Ltd. 18BXE--L/M Datasheet HTML 3Page - M-System Co.,Ltd. 18BXE--L/M Datasheet HTML 4Page - M-System Co.,Ltd. 18BXE--L/M Datasheet HTML 5Page - M-System Co.,Ltd. 18BXE--L/M Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: 18BXE
http://www.m-system.co.jp/
18BXE SPECIFICATIONS
ES-1806 Rev.9 Page 3/6
CONNECTION DIAGRAM
*
PWR1
PWR2
COM.
PWR2
ALM. OUTPUT
PWR1
ALM. OUTPUT
FG
■ Single Power Source,
Dual-redundant Power Supply
■ Two Independent Power Sources,
DC/AC Power Supply
■ Two Independent Power Sources,
AC/AC Power Supply
6
5
4
4
4
5
5
U
V
AC POWER
3
2
1
CN1
CN2
CN3
CN4
U
V
AC POWER
PWR1
COM.
DC POWER
ALM. OUTPUT
PWR1
ALM. OUTPUT
FG
6
5
4
4
5
U
V
AC POWER
3
2
1 +
–
DC POWER
COM.
PWR2
ALM. OUTPUT
PWR1
ALM. OUTPUT
FG
6
5
4
U(+)
V(–)
POWER
3
2
1
*
*Alarm output not provided for single power supply.
CN1
CN2
CN3
CN4
CN1
CN2
CN3
CN4
Note 1: CN1 through CN4 are not available without connector.
Note 2: CN2 is available with Yokogawa, Yamatake and Toshiba for DCS type.
Note 3: CN3 is available with Yokogawa and Toshiba for DCS type.
Note 4: CN4 is available with Toshiba for DCS type.
DIMENSIONS unit: mm (inch)
465 (18.31)
480 (18.90)
435 (17.13)
3–M4 POWER
TERMINAL
■ RACK (standard)
*
PWR1 only for AC single power supply.
** Alarm output provided only for dual-redundant power supply or two independent power sources.
1
3
15
6
1
4
1
2
1
1
3
5
7
9
11
13
15
2
4
6
8
10
12
14
16
2
3
PWR2
1 2 3 4 5
4 5 6
PWR1
1 2 3 4 5
5–M4 POWER
UNIT TERMINAL
3–M4 ALARM **
OUTPUT TERMINAL
POWER UNIT
*
POWER LED **
8.5 (.33)
8.2 (.32)
CONNECTORS
■ CENTER
(option /M)
16
16
■ SURFACE
(option /W)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com