Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18KBW-3 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18KBW-3
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KBW-3 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18KBW-3 Datasheet HTML 1Page - M-System Co.,Ltd. 18KBW-3 Datasheet HTML 2Page - M-System Co.,Ltd. 18KBW-3 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 18KBW
18KBW SPECIFICATIONS
ES-0499 Rev.1 Page 1/3
http://www.m-system.co.jp/
Rack-mounted DCS Signal Conditioners 18K-RACK
EXTENDER MODULE
Functions & Features
• Connecting the front terminals to the rear connector
MODEL: 18KBW–[1]
ORDERING INFORMATION
• Code number: 18KBW-[1]
Specify a code from below for [1].
(e.g. 18KBW-1)
[1] INTERNAL RESISTOR
1: None
3: Jumper selectable (250 Ω)
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection: M3.5 screw terminals (torque 0.8 N·m) and
connector
Screw terminal: Nickel-plated steel
Internal resistor
18KBW-1: None
18KBW-3: Connected when closing the terminals 3 – 4; or
select jumper on the PCB
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 18KBXx
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 % (with internal resistor)
Temp. coefficient: ±0.003 %/°C (±0.002 %/°F) (with internal
resistor)


Similar Part No. - 18KBW-3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KBXC MSYSTEM-18KBXC Datasheet
205Kb / 6P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXC-0 MSYSTEM-18KBXC-0 Datasheet
205Kb / 6P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXC-0/W MSYSTEM-18KBXC-0/W Datasheet
205Kb / 6P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXC-E4 MSYSTEM-18KBXC-E4 Datasheet
205Kb / 6P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXC-E4/W MSYSTEM-18KBXC-E4/W Datasheet
205Kb / 6P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results

Similar Description - 18KBW-3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KBXCA MSYSTEM-18KBXCA Datasheet
154Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXH MSYSTEM-18KBXH Datasheet
150Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDY MSYSTEM-18KDY Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDYH2 MSYSTEM-18KDYH2 Datasheet
133Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJDL MSYSTEM-18KJDL Datasheet
144Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJR MSYSTEM-18KJR Datasheet
108Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJT MSYSTEM-18KJT Datasheet
99Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KTS MSYSTEM-18KTS Datasheet
101Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH MSYSTEM-18KYCH Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYS MSYSTEM-18KYS Datasheet
105Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com