Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18KBXH Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 18KBXH
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KBXH Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  18KBXH Datasheet HTML 1Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 2Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 3Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 4Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: 18KBXH
http://www.m-system.co.jp/
18KBXH SPECIFICATIONS
ES-0493 Rev.1 Page 4/5
FOR TOSHIBA DCS SAIN1, SAI06 AND SAO06 CARD USE
Location
I/O Connector: Omron XG4A-2034
CN1: SAIN1, SAI06, SAO06 (ch.1 - ch.8)
CN2: SAIN1, SAI06, SAO06 (ch.1 - ch.8) (for redundancy)
18K-RACK Location No.
1
2
3
4
5
6
7
8
CN1, CN2
1
2
3
4
5
6
7
8
SAIN1, SAI06, SAO06 I/O No.
Connector Pin Assignment
PIN NO.
ASSIGNMENT
20
ch.1 +
19
ch.1 −
18
ch.2 +
17
ch.2 −
16
ch.3 +
15
ch.3 −
14
ch.4 +
13
ch.4 −
12
ch.5 +
11
ch.5 −
10
ch.6 +
9
ch.6
8
ch.7 +
7
ch.7
6
ch.8 +
5
ch.8
−
−
−
Pin assignment is common to both CN1 and CN2
The signal that is connected to the connector is the input signal
or the output signal 1.
Toshiba DCS SAMP1 uses Panasonic AXM220001. As connec-
tor is discontinued, Omron XG4A-2034 is used as an alternative.
(Replace cable side.)
TOSHIBA DCS SAIN1 CARD USE
Location
Output Connector: Hirose Electric
HIF3BA-20PA-2.54DS (11)
CN1: SAIN1 (ch.1 - ch.8)
CN2: SAIN1 (ch.1 - ch.8) (for redundancy)
18K-RACK Location No.
1
2
3
4
5
6
7
8
CN1, CN2
1
2
3
4
5
6
7
8
SAIN1 I/O No.
Connector Pin Assignment
PIN NO.
ASSIGNMENT
20
ch.1 +
19
ch.1 −
18
ch.2 +
17
ch.2 −
16
ch.3 +
15
ch.3 −
14
ch.4 +
13
ch.4 −
12
ch.5 +
11
ch.5 −
10
ch.6 +
9
ch.6 −
8
ch.7 +
7
ch.7 −
6
ch.8 +
5
ch.8 −
Pin assignment is common to both CN1 and CN2
The signal that is connected to the connector is the input signal
or the output signal 1.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com