Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18KBXW Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 18KBXW
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KBXW Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  18KBXW Datasheet HTML 1Page - M-System Co.,Ltd. 18KBXW Datasheet HTML 2Page - M-System Co.,Ltd. 18KBXW Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 18KBXW
http://www.m-system.co.jp/
18KBXW SPECIFICATIONS
ES-0490 Rev.0 Page 2/3
CONNECTION DIAGRAM
1
2
FG
3
CN1
CN2
+
−
POWER
Note 1. For 18KTS and 18KJT models, directly connect input signals to
input terminals of the converter and do not connect to Field
Connectors.
Note 2. Field Connector numbers correspond to Terminal numbers of the
converters.
Note 3. CN2 is provided only for Yokogawa DCS MAC2 /PAC
card use.
DIMENSIONS unit: mm (inch)
CN2
2-M5 SCREW
CN1
162 (6.38)
15 (.59)
442 (17.40)
1ch
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1 2 3 4
... 4ch
5ch
... 8ch
9ch
... 12ch
13ch ... 16ch
FIELD CONNECTOR
BLOCK
3-M4 POWER
TERMINAL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com