Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # BAV99
Description  Switching Diodes Silicon Epitaxial Planar
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

BAV99 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  BAV99 Datasheet HTML 1Page - Toshiba Semiconductor BAV99 Datasheet HTML 2Page - Toshiba Semiconductor BAV99 Datasheet HTML 3Page - Toshiba Semiconductor BAV99 Datasheet HTML 4Page - Toshiba Semiconductor BAV99 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAV99
1
Switching Diodes Silicon Epitaxial Planar
BAV99
BAV99
BAV99
BAV99
Start of commercial production
2016-08
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Ultra-High-Speed Switching
2.
2.
2.
2. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
SOT23
1: Anode 1
2: Cathode 2
3: Cathode 1/Anode 2
3.
3.
3.
3. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Peak reverse voltage
Reverse voltage
Peak forward current
Average rectified current
Non-repetitive peak forward surge current
Power dissipation
Junction temperature
Storage temperature
Symbol
VRM
VR
IFM
IO
IFSM
PD
Tj
Tstg
Note
(Note 1)
(Note 2)
(Note 3)
(Note 4)
Rating
100
100
500
215
2
150
320
150
-55 to 150
Unit
V
mA
mA
A
mW
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Unit rating. Total rating = Unit rating × 40%
Note 2: Unit rating. Total rating = Unit rating × 55%
Note 3: Measured with a 10 ms pulse.
Note 4: Mounted on an FR4 board (25.4 mm × 25.4 mm × 1.6 mmt, Cu pad: 0.42 mm2 × 3)
2016-10-20
Rev.1.0
©2016 Toshiba Corporation


Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results

Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1ST112WS SEMTECH_ELEC-1ST112WS Datasheet
305Kb / 3P
SILICON EPITAXIAL PLANAR SWITCHING DIODES
logo
Toshiba Semiconductor
TBAV99 TOSHIBA-TBAV99 Datasheet
178Kb / 5P
Switching Diodes Silicon Epitaxial Planar
1SS427 TOSHIBA-1SS427_14 Datasheet
196Kb / 7P
Switching Diodes Silicon Epitaxial Planar
1SS302A TOSHIBA-1SS302A Datasheet
170Kb / 6P
Switching Diodes Silicon Epitaxial Planar
logo
SHIKUES Electronics
BAS29 SKTECHNOLGY-BAS29 Datasheet
412Kb / 3P
Silicon Epitaxial Planar Switching Diodes
logo
Toshiba Semiconductor
BAS516 TOSHIBA-BAS516 Datasheet
212Kb / 5P
Switching Diodes Silicon Epitaxial Planar
BAV70 TOSHIBA-BAV70 Datasheet
223Kb / 5P
Switching Diodes Silicon Epitaxial Planar
BAV99W TOSHIBA-BAV99W Datasheet
249Kb / 6P
Switching Diodes Silicon Epitaxial Planar
TBAV70 TOSHIBA-TBAV70 Datasheet
201Kb / 5P
Switching Diodes Silicon Epitaxial Planar
TBAW56 TOSHIBA-TBAW56 Datasheet
201Kb / 5P
Switching Diodes Silicon Epitaxial Planar
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com