Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJFX-AA2-S/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # WJFX-AA2-S/Q
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WJFX-AA2-S/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  WJFX-AA2-S/Q Datasheet HTML 1Page - M-System Co.,Ltd. WJFX-AA2-S/Q Datasheet HTML 2Page - M-System Co.,Ltd. WJFX-AA2-S/Q Datasheet HTML 3Page - M-System Co.,Ltd. WJFX-AA2-S/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: WJFX
WJFX SPECIFICATIONS
ES-2272 Rev.8 Page 3/4
http://www.m-system.co.jp/
PERFORMANCE in percentage of span
Accuracy: ±0.1 % with segment gain ≤ 1 [±0.1 % × gain]
with segment gain > 1
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute
(input to output to power to ground)
1000 V AC @ 1 minute (output 1 to output 2)
EXTERNAL DIMENSIONS unit: mm (inch)
5
6
7
8
2
1
11
10
50 (1.97)
107 (4.21)
136 (5.35)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
11–M3.5
SCREW
• When mounting, no extra space is needed between units.
3
9
4
TERMINAL ASSIGNMENTS unit: mm (inch)
7
8
2
1
11
10
3
9
4
INPUT RESISTOR
(model: REM)
5
6
Input shunt resistor attached
for current input.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com