Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJT-2AC-D/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # WJT-2AC-D/Q
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WJT-2AC-D/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  WJT-2AC-D/Q Datasheet HTML 1Page - M-System Co.,Ltd. WJT-2AC-D/Q Datasheet HTML 2Page - M-System Co.,Ltd. WJT-2AC-D/Q Datasheet HTML 3Page - M-System Co.,Ltd. WJT-2AC-D/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: WJT
WJT SPECIFICATIONS
ES-2263 Rev.8 Page 2/4
http://www.m-system.co.jp/
[4] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
[5] OPTIONS (multiple selections)
Burnout
blank: Upscale burnout
/BL: Downscale burnout
/BN: No burnout
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Adjustable individually for each output 1 and output 2.
Linearization: Standard
Cold junction compensation: CJC sensor attached to the
input terminals
Adjustments: Programming Unit (model: PU-2x);
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON.)
• T/C type
• temp. range
• zero and span
• simulating output
• Others
INPUT SPECIFICATIONS
Minimum span: 3 mV
Offset: Max. 3 times span
Input resistance: 20 kΩ min.
Burnout sensing: 0.1 μA
Minimum span in °C and °F
(PR): 370°C, 670°F
K (CA): 75°C, 140°F
E (CRC): 50°C, 90°F
J (IC): 60°C, 110°F
T (CC): 75°C, 140°F
B (RH): 780°C, 1410°F
R: 360°C, 650°F
S: 380°C, 690°F
WRe 5-26: 200°C, 360°F
N: 110°C, 200°F
Remark: The described accuracy may be partially not
satisfied when the temperature ranges below 0°C. Consult
factory.
If not specified, the input range is shown below.
(PR): 0 to 1600°C
K (CA): 0 to 1000°C
E (CRC): 0 to 500°C
J (IC): 0 to 500°C
T (CC): 0 to 300°C
B (RH): 0 to 1800°C
R: 0 to 1600°C
S: 0 to 1600°C
WRe 5-26: 0 to 2000°C
N: 0 to 1000°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com