Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAM65HR51DS2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FAM65HR51DS2
Description  H-Bridge in APM16 Series for LLC and Phase-shifted DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65HR51DS2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FAM65HR51DS2 Datasheet HTML 3Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 4Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 5Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 6Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 7Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 8Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 9Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 10Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FAM65HR51DS1, FAM65HR51DS2
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 4. Normalized Power Dissipation vs.
Case
Figure 5. Maximum Continuous ID vs. Case
Temperature
TC, CASE TEMPERATURE (°C)
TC, CASE TEMPERATURE (°C)
150
125
100
75
50
25
0
0
0.2
0.4
0.6
0.8
1.0
1.2
175
150
125
100
75
50
25
0
5
15
20
25
30
35
40
Figure 6. Transfer Characteristics
Figure 7. Forward Diode
VGS, GATE−TO−SOURCE VOLTAGE (V)
VSD, BODY DIODE FORWARD VOLTAGE (V)
8
7
6
5
4
3
0
10
20
30
40
50
60
1.2
1.4
1.0
0.8
0.6
0.4
0.2
0
0.01
0.1
1
10
100
Figure 8. Saturation (25
5C)
Figure 9. Saturation (150
5C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
9
7
6
5
4
2
1
0
0
10
20
40
50
60
70
80
90
80
60
50
40
20
10
0
0
10
30
40
60
80
90
100
10
VGS = 10 V
RqJC = 0.92°C/W
TJ = 150°C
TJ = 25°C
TJ = −55°C
VDS = 20 V
TJ = 150°C
TJ = 25°C
VGS = 0 V
38
10
30
70
50
20
30
70
100
10 V
VGS = 15 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
10 V
VGS = 15 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com