Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETRGI Datasheet(PDF) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ETRGI
Description  HOME APPLICATION RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETRGI Datasheet(HTML) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETRGI Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETRGI Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. ETRGI Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
For the latest product information, Please visit our website at http://www.ece.com.tw
Rely on ECE’s Relays,
and You Always Relax!
▓PART NUMBER SYSTEM
ETR
GI - S - 1
12
D
M
F
H
F
Z
Z: RoHS Compliant
Insulation System:
Nil: Class B
F: Class F
Contact Rating:
H: TUV 25A/277VAC
UL 23A/277VAC
Terminal Type:
F: With PC Board & Plug In Terminal
P: PC Board Terminal Only
Contact Form:
M: One Form A
Coil Type:
D: Standard DC Coil
Coil Voltage:
06:6V, 12:12V, 24:24V, 48:48V
Number of Pole:
1: One Pole
Type of Sealing:
S: Hand Solder Type
Model Name: GI
Series Name: ETR
*Marking without: “ETR” & “Z”.
ETR GI-S-112DMPH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com