Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6VA25616 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS6VA25616
Description  2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6VA25616 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS6VA25616 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
®
AS6VA25616
10/6/00
ALLIANCE SEMICONDUCTOR
3
Recommended operating condition (over the operating range)
Capacitance (f = 1 MHz, Ta = Room temperature, VCC = NOMINAL)
2
Parameter
Description
Test Conditions
Min
Max
Unit
VOH
Output HIGH Voltage
IOH = –2.1mA
VCC = 2.7V
2.4
V
VOL
Output LOW Voltage
IOL = 2.1mA
VCC = 2.7V
0.4
V
VIH
Input HIGH Voltage
VCC = 2.7V
2.2
VCC + 0.5
V
VIL
Input LOW Voltage
VCC = 2.7V
–0.5
0.8
V
IIX
Input Load Current
GND < VIN < VCC
–1
+1
µA
IOZ
Output Load Current
GND < VO < VCC; Outputs High Z
–1
+1
µA
ICC
VCC Operating Supply
Current
CS = VIL, VIN = VIL
or VIH, IOUT = 0mA,
f = 0
VCC = 3.3V
2
mA
ICC1 @
1MHz
Average VCC Operating
Supply Current at 1 MHz
CS < 0.2V, VIN < 0.2V
or VIN > VCC – 0.2V,
f = 1 mS
VCC = 3.3V
5
mA
ICC2
Average VCC Operating
Supply Current
CS
≠ V
IL, VIN = VIL or
VIH, f = fMax
VCC = 3.3V (55 ns)
40
mA
ISB
CS Power Down Current;
TTL Inputs
CS > VIH or UB = LB
> VIH, other inputs =
VIL or VIH, f = 0
VCC = 3.3V
100
µA
ISB1
CS Power Down Current;
CMOS Inputs
CS > VCC – 0.2V or
UB = LB > VCC – 0.2V,
other inputs = 0V –
VCC, f = fMax
VCC = 3.3V
20
µA
ISBDR
Data Retention
CS > VCC – 0.1V,
UB = LB = VCC – 0.1V
f = 0
VCC = 1.2V
2
µA
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CS, WE, OE, LB, UB
VIN = 0V
5
pF
I/O capacitance
CI/O
I/O
VIN = VOUT = 0V
7
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com