Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSA1015 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA1015
Description  PNP EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA1015 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA1015 Datasheet HTML 1Page - Continental Device India Limited CSA1015 Datasheet HTML 2Page - Continental Device India Limited CSA1015 Datasheet HTML 3Page - Continental Device India Limited CSA1015 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CSA1015
TO-92
Plastic Package
Audio Frequency General Purpose and Driver Stage Amplifier Applications.
Complementary CSC1815
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector Base Voltage
VCBO
50
V
Collector Emitter Voltage
VCEO
50
V
Emitter Base Voltage
VEBO
5
V
Collector Current Continuous
IC
150
mA
Base Current
IB
50
mA
Collector Power Dissipation
PC
625
mW
Operating And Storage Junction
Tj, Tstg
-55 to +125
ºC
Temperature Range
THERMAL RESISTANCE
Junction to case
Rth(j-c)
250
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut off Current
ICBO
VCB =50V, IE=0
100
nA
Emitter Cut off Current
IEBO
VEB=5V, IC = 0
100
nA
DC Current Gain
*hFE
IC =2mA, VCE=6V
70
400
hFE
IC =150mA, VCE=6V
25
Collector Emitter Saturation Voltage
VCE(sat)
IC=100mA,IB= 10mA
0.30
V
Base Emitter Saturation Voltage
VBE(sat)
IC=100mA,IB= 10mA
1.1
V
DYNAMIC CHARACTERISTICS
Transition Frequency
ft
VCE=10V, IC=1mA,
80
MHz
f=100MHz
Collector Output Capacitance
Cob
VCB=10V,IE=0,
7.0
pF
f=1MHz
Base Spreading Resistance
rbb'
VCB=10V, IE=1mA,
30
Ω
f=30MHz
Noise Figure
NF
VCE=6V, IC=0.1mA,
10
dB
Rg=10Kohms, f=1KHz
CLASSIFICATION
O
Y
*hFE
70 - 140
120 - 240
CSA1015REV_5 281202D
GR
200 - 400
E C
B
Continental Device India Limited
Datasheet
Page 1 of 4
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CSA1015

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA1012 CDIL-CSA1012 Datasheet
77Kb / 3P
PNP, NPN PLASTIC POWER TRANSISTOR
CSA1012O CDIL-CSA1012O Datasheet
77Kb / 3P
PNP, NPN PLASTIC POWER TRANSISTOR
CSA1012Y CDIL-CSA1012Y Datasheet
77Kb / 3P
PNP, NPN PLASTIC POWER TRANSISTOR
logo
Rectron Semiconductor
CSA1012Y RECTRON-CSA1012Y Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
logo
Continental Device Indi...
CSA1013 CDIL-CSA1013 Datasheet
41Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
More results

Similar Description - CSA1015

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com