Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18KYC Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 18KYC
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KYC Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  18KYC Datasheet HTML 1Page - M-System Co.,Ltd. 18KYC Datasheet HTML 2Page - M-System Co.,Ltd. 18KYC Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: 18KYC
18KYC SPECIFICATIONS
ES-0489 Rev.1 Page 3/3
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
*
5
Opencircuit
Detector
6
3
1
2
Voltage
Duty Cycle
S
Z
4
7
8
250Ω
+
−
INPUT MONITOR
Low Drift
Amplifier
Output
Driver
INPUT (DCS Output)
POWER
Section A. Field Terminals
1
2
OUTPUT
+
−
Module Field Terminals
(Section A)
To External Field Terminals
(Section A)
* With power switch only
Use either of module or external field terminals.
Isolation
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com