Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM9708 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9708
Description  200m廓 Power Distribution Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9708 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9708 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9708 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
E
Elle
eccttrriicca
all C
Ch
ha
arra
acctte
erriissttiiccss
Operating Conditions: TA = 25℃, VIN = 5V, CIN = COUT = 10μF, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
2
5.5
V
RDS(ON)
Output NMOFET RDS(ON)
VIN=5.0V,ILOAD=500
mA
100
200
250
mΩ
IQ
Supply Current
VIN=3.0V
50
μA
VIN=5.0V
40
80
160
μA
ILIMIT
Current Limit Threshold
VIN=3.0V
800
mA
VENH
EN Input High Threshold
1.5
V
VENL
EN Input Low Threshold
0.6
V
IOFF
Shutdown Supply Current
VEN = 0V
0.5
1
μA
VUVLO
VIN Under Voltage Lockout
IOUT=300mA,
VIN: 2.4V→0V
1.7
V
ΔVUVLO
VIN Under Voltage
Hysterics
150
mV
TSD
Thermal Limit
130
ΔTSD
Thermal Limit Hysterics
20
HM9708



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com