Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF621 Datasheet(PDF) 1 Page - GS Yuasa Battery Sales UK Ltd

Part # MF621
Description  Capacity (20-hour) 155Ah
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSYUASABATTERY [GS Yuasa Battery Sales UK Ltd]
Direct Link  https://www.gs-battery.com/
Logo GSYUASABATTERY - GS Yuasa Battery Sales UK Ltd

MF621 Datasheet(HTML) 1 Page - GS Yuasa Battery Sales UK Ltd

  MF621 Datasheet HTML 1Page - GS Yuasa Battery Sales UK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.gs-battery.com
GS Technical Data Sheet
GS MF621
Terminal Type
Cell Assembly Layout
Battery Hold-down
Performance
Voltage
12V
Capacity (20-hour)
155Ah
Cold Cranking Amps (EN1)
900A
Dimensions
Length
513mm
Width
223mm
Height
223mm
Weights & Measures
Mean Weight with Acid
42kg
Container Features
Case Type
DIN B
Cell Layout
3
Hold Down
N
Handles
Y
Technology
Recommended Charge Rate
A
Performance Marking
W2-C2-V2-E1
Data Sheet generated on 18/05/2021 – E&OE
Powering high performance since 1895


Similar Part No. - MF621

ManufacturerPart #DatasheetDescription
logo
GS Yuasa Battery Sales ...
MF620 GSYUASABATTERY-MF620 Datasheet
248Kb / 1P
Capacity (20-hour) 180Ah
MF622 GSYUASABATTERY-MF622 Datasheet
304Kb / 1P
Capacity (20-hour) 150Ah
MF623 GSYUASABATTERY-MF623 Datasheet
310Kb / 1P
Capacity (20-hour) 180Ah
MF624 GSYUASABATTERY-MF624 Datasheet
407Kb / 1P
Capacity (20-hour) 200Ah
MF625 GSYUASABATTERY-MF625 Datasheet
241Kb / 1P
Capacity (20-hour) 200Ah
More results

Similar Description - MF621

ManufacturerPart #DatasheetDescription
logo
GS Yuasa Battery Sales ...
733 GSYUASABATTERY-733 Datasheet
280Kb / 1P
Capacity (20-hour) 200Ah
GS-B39-6 GSYUASABATTERY-GS-B39-6 Datasheet
183Kb / 1P
Capacity (20-hour) 7.4Ah
GS-L35-115 GSYUASABATTERY-GS-L35-115 Datasheet
955Kb / 1P
Capacity (20-hour) 115Ah
GS-M26-80S GSYUASABATTERY-GS-M26-80S Datasheet
664Kb / 1P
Capacity (20-hour) 80Ah
GS-M27-90S GSYUASABATTERY-GS-M27-90S Datasheet
618Kb / 1P
Capacity (20-hour) 90Ah
GS-M27-EFB GSYUASABATTERY-GS-M27-EFB Datasheet
322Kb / 1P
Capacity (20-hour) 90Ah
GS-U1 GSYUASABATTERY-GS-U1 Datasheet
1Mb / 1P
Capacity (20-hour) 30Ah
MF048 GSYUASABATTERY-MF048 Datasheet
646Kb / 1P
Capacity (20-hour) 45Ah
MF222 GSYUASABATTERY-MF222 Datasheet
303Kb / 1P
Capacity (20-hour) 135Ah
MF612 GSYUASABATTERY-MF612 Datasheet
308Kb / 1P
Capacity (20-hour) 143Ah
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com