Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5665 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5665
Description  High-Frequency Low-Noise Amplifier and OSC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5665 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5665 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SC5665
No.7351-2/7
0
0
10
IC -- VCE
IT04829
IT04831
IT04833
IT04830
IT04832
IT04834
20
30
40
50
1
3
2
4
5
0
0
IC -- VBE
0.2
0.4
0.6
0.8
1.0
1.2
20
70
60
40
30
50
10
10
hFE -- IC
1.0
2
3
5
7
2
3
5
7
3
5
7
10
100
100
2
3
5
1000
7
2
3
5
7
1.0
f T -- IC
23
5
7
10
23
5
7
100
1.0
2
3
2
3
5
7
10
0.1
0.1
Cob -- VCB
1.0
2
3
5
7
2
3
5
7
10
2
3
5
7
2
3
5
7
10
1.0
0.1
Cre -- VCB
2
3
57
2
3
57
1.0
10
0.1
2
3
5
7
2
3
5
7
10
1.0
IB=0
0.25mA
0.30mA
0.20mA
0.15mA
0.10mA
0.05mA
VCE=3V
1V
VCE=3V
1V
f=1MHz
f=1MHz
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- mA
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=5V, IE=0
1.0
µA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0
10
µA
DC Current Gain
hFE
VCE=1V, IC=5mA
100
160
Gain-Bandwidth Product
fT1VCE=1V, IC=5mA
5
6.5
GHz
fT2VCE=3V, IC=30mA
9.5
11.2
GHz
Output Capacitance
Cob
VCB=1V, f=1MHz
0.95
1.2
pF
Reverse Transfer Capacitance
Cre
VCB=1V, f=1MHz
0.7
0.9
pF
Forward Transfer Gain
S21e2 1VCE=1V, IC=5mA, f=2GHz
5
6
dB
S21e2 2VCE=3V, IC=30mA, f=2GHz
7.0
8.5
dB
Noise Figure
NF
VCE=1V, IC=5mA, f=2GHz
1.5
2.3
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com