Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

552133 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 552133
Description  Air gap sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

552133 Datasheet(HTML) 1 Page - Festo Corporation.

  552133 Datasheet HTML 1Page - Festo Corporation. 552133 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air gap sensor
SOPA-CM4H-R1-HQ6-2P-M12
Part number: 552133
Data sheet
Feature
Value
Type code
SOPA
Electrical connection 1, connection type
Plug
Electrical connection 1, type of mounting
Screw-type lock
Electrical connection 1, connection technology
M12x1 A-coded as per EN 61076-2-101
KC characters
KC EMC
Electrical connection for input 1, connection pattern
00991172
Electrical connection 1, number of pins/wires
5
Detected variable
Gap
Repetition accuracy in ± µm
2.5 µm
Symbol
00995372
Certification
RCM compliance mark
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
Note on materials
Free of copper and PTFE
RoHS-compliant
Measuring principle
Pneumatic
Sensing range
20 µm ... 200 µm
Operating pressure
4 bar ... 7 bar
Supply pressure
0.8 bar ... 1.6 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Ambient temperature
0 °C ... 50 °C
Switching output
2xPNP
Switching function
Window comparator
Threshold value with variable hysteresis
Switching element function
N/C contact/N/O contact switchable
Max. output current
100 mA
Short-circuit protection
yes
DC operating voltage range
22.8 V ... 26.4 V
Reverse polarity protection
for all electrical connections
Type of mounting
Optionally:
With through-hole
With H-rail
With wall/surface bracket
Pneumatic connection
QS-6
Product weight
690 g
6/1/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 552133

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
552130 FESTO-552130 Datasheet
95Kb / 2P
Air gap sensor
552131 FESTO-552131 Datasheet
97Kb / 2P
Air gap sensor
552132 FESTO-552132 Datasheet
100Kb / 2P
Air gap sensor
logo
PHOENIX CONTACT
5521322 PHOENIX-5521322 Datasheet
52Kb / 3P
Optocoupler module - FLKM 4-I/O-G4
logo
Festo Corporation.
552134 FESTO-552134 Datasheet
94Kb / 2P
Air gap sensor
More results

Similar Description - 552133

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
552130 FESTO-552130 Datasheet
95Kb / 2P
Air gap sensor
552134 FESTO-552134 Datasheet
94Kb / 2P
Air gap sensor
552139 FESTO-552139 Datasheet
99Kb / 2P
Air gap sensor
552145 FESTO-552145 Datasheet
103Kb / 2P
Air gap sensor
552147 FESTO-552147 Datasheet
95Kb / 2P
Air gap sensor
8093819 FESTO-8093819 Datasheet
100Kb / 2P
Air gap sensor
8093820 FESTO-8093820 Datasheet
103Kb / 2P
Air gap sensor
8093822 FESTO-8093822 Datasheet
106Kb / 2P
Air gap sensor
8093823 FESTO-8093823 Datasheet
106Kb / 2P
Air gap sensor
8093824 FESTO-8093824 Datasheet
107Kb / 2P
Air gap sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com