Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18YVT Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18YVT
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18YVT Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18YVT Datasheet HTML 1Page - M-System Co.,Ltd. 18YVT Datasheet HTML 2Page - M-System Co.,Ltd. 18YVT Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 18YVT
18YVT SPECIFICATIONS
ES-1846 Rev.4 Page 1/3
http://www.m-system.co.jp/
Rack-mounted DCS Signal Conditioners 18-RACK
VOLTAGE GENERATOR
(for testing)
Functions & Features
• Generating DC voltage signals
• Output voltages are easily adjustable
Typical Applications
• Generated voltages can be used for function checks of the
entire control system
MODEL: 18YVT–066–R
ORDERING INFORMATION
• Code number: 18YVT-066-R
INPUT
0: None
OUTPUT 1
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
OUTPUT 2
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection
Output 1 & 2: Connector
Monitor output: M3.5 screw terminals (torque 0.8 N·m)
Power input: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Output to power
(all outputs internally connected)
OUTPUT SPECIFICATIONS
Output: 1 – 5 V DC
Output adjustment: 270°-turn screwdriver (front)
INSTALLATION
Current consumption: Approx. 15 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 18BXx or 18KBXx
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Line voltage effect: ±0.5 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute (output to power)
1500 V AC @ 1 minute (output or power to ground)


Similar Part No. - 18YVT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18YC MSYSTEM-18YC Datasheet
91Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18YC-AA-R MSYSTEM-18YC-AA-R Datasheet
91Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18YCH MSYSTEM-18YCH Datasheet
93Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18YCH-AA-R MSYSTEM-18YCH-AA-R Datasheet
93Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18YCH-AA-R/B MSYSTEM-18YCH-AA-R/B Datasheet
93Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
More results

Similar Description - 18YVT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18APT MSYSTEM-18APT Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18BX MSYSTEM-18BX Datasheet
116Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCS MSYSTEM-18BXCS Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18HZ MSYSTEM-18HZ Datasheet
95Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JF MSYSTEM-18JF Datasheet
104Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JM MSYSTEM-18JM Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18MK MSYSTEM-18MK Datasheet
90Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18PV MSYSTEM-18PV Datasheet
89Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18TS MSYSTEM-18TS Datasheet
100Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18YCH MSYSTEM-18YCH Datasheet
93Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com