| Electronic Components Datasheet Search |
|
22LS1 Datasheet(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
22LS1 Datasheet(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 7 page ![]() MODEL: 22LS1 22LS1 SPECIFICATIONS ES-6557 Rev.6 Page 4/7 http://www.m-system.co.jp/ B3 = [(N3 + N4) × 3 – 24] + (N3×8 + N4×4 – 32) × 2 •Total Data Volume, first group C1 = 5 + B1 + B2 •Total Data Volume, second group C2 = 5 + B1 + B3 •Contact Inputs Relation between the Total Data Volume and a time (Ta) required to transmit contact inputs from one station (Master Station) is shown in the following equation: Ta = C1 × A where A is a parameter determined by the transmission speed of modems (see A). The transmission speed (Tb) for the other station (Slave Station) can be calculated in the same way. Actual time (TA) required for a contact input to be transmitted from Master Station to Slave Station varies according to timings of signal status change and transmission status, if there is no transmission error. Ta ≤ TA ≤ Ta + Ta + Tb •Analog Inputs Relation between the Total Data Volume and a time (Ta) required to transmit analog inputs from one station (Master Station) is shown in the following equation: Ta = (C1 + C2) × A where A is a parameter determined by the transmission speed of modems (see A). The transmission speed (Tb) for the other station (Slave Station) can be calculated in the same way. Acutal time (TA) required for a contact input to be transmitted from Master Station to Slave Station varies according to timings of signal status change and transmission status, if there is no transmission error. Ta ≤ TA ≤ Ta + Ta + Tb ■RUN CONTACT OUTPUT RUN contact is turned off when one or more of the following three conditions occur: •Failure of the 22LS1 Errors in power supply, memory, etc. •SIN-NET communication errors When there is an error occurs to 22LA1 or DLA1 units connected to the 22LS1. •RS-232-C communication errors When there is an error occurs in communication with the modem connected to the 22LS1 (communicating with the paired 22LS1 via leased circuit), such like wire breakdown. [CAUTION] When the network is reconfigured e.g. by noise interference, the RUN LED and output for all units on the network turn briefly OFF until they are turned ON after the reconfiguration is complete. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |