Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22LA1-3M4-R Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # 22LA1-3M4-R
Description  Multiplex Transmission System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

22LA1-3M4-R Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button 22LA1-3M4-R Datasheet HTML 6Page - M-System Co.,Ltd. 22LA1-3M4-R Datasheet HTML 7Page - M-System Co.,Ltd. 22LA1-3M4-R Datasheet HTML 8Page - M-System Co.,Ltd. 22LA1-3M4-R Datasheet HTML 9Page - M-System Co.,Ltd. 22LA1-3M4-R Datasheet HTML 10Page - M-System Co.,Ltd. 22LA1-3M4-R Datasheet HTML 11Page - M-System Co.,Ltd. 22LA1-3M4-R Datasheet HTML 12Page - M-System Co.,Ltd. 22LA1-3M4-R Datasheet HTML 13Page - M-System Co.,Ltd. 22LA1-3M4-R Datasheet HTML 14Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MODEL: 22LA1
http://www.m-system.co.jp/
22LA1 SPECIFICATIONS
ES-6554 Rev.8 Page 10/22
TIMING CHART
DAV
DATA
OUTPUT
approx. 10 ms
approx. 1 ms
HOLD
When the HOLD input signal is valid ("L"), the DAV output is not
provided and the data output is held at the value before that.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com