Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV792 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV792
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV792 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV792 Datasheet HTML 1Page - National Semiconductor (TI) LMV792 Datasheet HTML 2Page - National Semiconductor (TI) LMV792 Datasheet HTML 3Page - National Semiconductor (TI) LMV792 Datasheet HTML 4Page - National Semiconductor (TI) LMV792 Datasheet HTML 5Page - National Semiconductor (TI) LMV792 Datasheet HTML 6Page - National Semiconductor (TI) LMV792 Datasheet HTML 7Page - National Semiconductor (TI) LMV792 Datasheet HTML 8Page - National Semiconductor (TI) LMV792 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
2.5V Electrical Characteristics (Continued)
I
OUT
Output Short Circuit Current
Sourcing to V
−
V
IN = 200 mV (Note 9)
35
28
47
mA
Sinking to V
+
V
IN = –200 mV (Note 9)
7
5
15
I
S
Supply Current per Amplifier
Enable Mode
V
EN
≥ 2.1V
LMV791
0.95
1.30
1.65
mA
LMV792
per channel
1.1
1.50
1.85
Shutdown Mode, V
EN < 0.4
per channel
0.02
1
5
µA
SR
Slew Rate
A
V = +1, Rising (10% to 90%)
8.5
V/µs
A
V = +1, Falling (90% to 10%)
10.5
GBWP
Gain Bandwidth Product
14
MHz
e
n
Input-Referred Voltage Noise
f = 1 kHz
6.2
nV/
i
n
Input-Referred Current Noise
f = 1 kHz
0.01
pA/
t
on
Turn-on Time
140
ns
t
off
Turn-off Time
1000
ns
V
EN
Enable Pin Voltage Range
Enable Mode
2.1
2 to 2.5
V
Shutdown Mode
0 to 0.5
0.4
I
EN
Enable Pin Input Current
Enable Mode V
EN = 2.5V (Note 7)
1.5
3
µA
Shutdown Mode V
EN = 0V (Note 7)
0.003
0.1
THD+N
Total Harmonic Distortion +
Noise
f = 1 kHz, A
V =1,RLOAD = 600
Ω
0.01
%
5V Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 5V, V− = 0V, V
CM =V
+/2=V
O,VEN =V
+. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
OS
Input Offset Voltage
0.1
±1.35
±1.65
mV
TC V
OS
Input Offset Average Drift
LMV791 (Note 6)
−1.0
µV/˚C
LMV792 (Note 6)
−1.8
I
B
Input Bias Current
V
CM = 2.0V
(Notes 7, 8)
−40˚C
≤T
A
≤ 85˚C
0.1
1
25
pA
−40˚C
≤T
A
≤ 125˚C
0.1
1
100
I
OS
Input Offset Current
(Note 8)
10
fA
CMRR
Common Mode Rejection
Ratio
0V
≤ V
CM
≤ 3.7V
80
75
100
dB
PSRR
Power Supply Rejection
Ratio
2.0V
≤ V+ ≤ 5.5V, V
CM =0V
80
75
100
dB
1.8V
≤ V+ ≤ 5.5V, V
CM =0V
80
98
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 60 dB
CMRR
≥ 55 dB
−0.3
-0.3
4
4
V
A
VOL
Large Signal Voltage Gain
V
OUT = 0.3V to 4.7V,
R
LOAD =2k
Ω to V+/2
LMV791
85
80
97
dB
LMV792
82
78
89
V
OUT = 0.3V to 4.7V,
R
LOAD =10k
Ω to V+/2
88
84
110
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com