Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP503 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # MP503
Description  Air-Quality Gas Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

MP503 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  MP503 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP503 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP503 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP503 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP503 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP503 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP503 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
MP503 Air-Quality Gas Sensor
Profile
MP503 gas sensor is for air quality. It adopts multilayer thick
film manufacturing technology. The heater and metal oxide
semiconductor material on the ceramic substrate of
subminiature Al2O3 are fetched out by electrode down-lead,
encapsulated in metal socket and cap. Conductivity of the
sensor is affected by the concentration of target gas. The
higher the concentration is, the higher conductivity of sensor
gets. Users can adopt simple circuit to convert variation of
conductivity into output signal corresponding to gas
concentration.
Features
High sensitivity to alcohol, smoke, iso-butane, methanal; quick response and resume; low power consumption,
simple detection circuit, good stability and long life.
Main Application
It is used in occasions such as household and office for harmful gas detection, automatic exhaust device, air
cleaner&etc.
Technical Parameters Stable1.
Fig1.Sensor Structure
Model
MP503
Sensor Type
flat surfaced semiconductor sensor
Standard Encapsulation
Metal Cap
Detection Gas
Alcohol, Smoke, iso-butane,methanal
Detection range
10~1000ppm(Alcohol)
Standard circuit
Loop voltage
VC
≤24V DC
Heating voltage
VH
5.0V±0.1V AC or DC
Load resistance
RL
Adjustable
sensor features
in standard test
condition
Heating resistance
RH
95Ω±10Ω (Room Temp.)
Heating consumption
PH
≤300mW
Surface resistance
RS
1KΩ~30KΩ(in 50ppm Alcohol)
Sensitivity
S
Rs(in air)/Rs(in 50ppm Alcohol)≥5
Concentration slope
α
≤0.6(R100ppm/R30ppm alcohol)
Standard
condition of test
Temperature, humidity
20℃±2℃;65%±5%RH
Standard test circuit
VC:5.0V±0.1V;
VH :5.0V±0.1V
Warm-up time
More than 48 hours



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com