Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV792MM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV792MM
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV792MM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMV792MM Datasheet HTML 10Page - National Semiconductor (TI) LMV792MM Datasheet HTML 11Page - National Semiconductor (TI) LMV792MM Datasheet HTML 12Page - National Semiconductor (TI) LMV792MM Datasheet HTML 13Page - National Semiconductor (TI) LMV792MM Datasheet HTML 14Page - National Semiconductor (TI) LMV792MM Datasheet HTML 15Page - National Semiconductor (TI) LMV792MM Datasheet HTML 16Page - National Semiconductor (TI) LMV792MM Datasheet HTML 17Page - National Semiconductor (TI) LMV792MM Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Application Notes
ADVANTAGES OF THE LMV791/LMV792
Wide Bandwidth at Low Supply Current
The LMV791 and LMV792 are high performance op amps
that provide a unity gain bandwidth of 17 MHz while drawing
a low supply current of 1.15 mA. This makes them ideal for
providing wideband amplification in portable applications.
The enable and shutdown feature can also be used to
design more power efficient systems that offer wide band-
width and high performance while consuming less average
power.
Low Input Referred Noise and Low Input Bias Current
The LMV791/LMV792 have a very low input referred voltage
noise density (5.8 nV/
at 1 kHz). A CMOS input stage
ensures a small input bias current (100 fA) and low input
referred current noise (0.01 pA/
). This is very helpful in
maintaining signal fidelity, and makes the LMV791 and
LMV792 ideal for audio and sensor based applications.
Low Supply Voltage
The LMV791 and the LMV792 have performance guaran-
teed at 2.5V and 5V supply. The LMV791 family is guaran-
teed to be operational at all supply voltages between 2.0V
and 5.5V, for ambient temperatures ranging from −40˚C to
125˚C, thus utilizing the entire battery lifetime. The LMV791
and LMV792 are also guaranteed to be operational at 1.8V
supply voltage, for temperatures between 0˚C and 125˚C.
This makes the LMV791 family ideal for usage in low-voltage
commercial applications.
RRO and Ground Sensing
Rail-to-rail output swing provides maximum possible dy-
namic range at the output. This is particularly important
when operating at low supply voltages. An innovative posi-
tive feedback scheme is used to boost the current drive
capability of the output stage. This allows the LMV791 and
the LMV792 to source more than 40 mA of current at 1.8V
supply. This also limits the performance of the LMV791
family as comparators, and hence the usage of the LMV791
and the LMV792 in an open-loop configuration is not recom-
mended. The input common-mode range includes the nega-
tive supply rail which allows direct sensing at ground in
single supply operation.
Enable and Shutdown Features
The LMV791 family is ideal for battery powered systems.
With a low supply current of 1.15 mA and a shutdown current
of 140 nA typically, the LMV791 and LMV792 allow the
designer to maximize battery life. The enable pin of the
LMV791 and the LMV792 allows the op amp to be turned off
and reduce its supply current to less than 1 µA. To power on
the op amp the enable pin should be higher than V
+ - 0.5V,
where V
+ is the positive supply. To disable the op amp, the
enable pin voltage should be less than V
− + 0.5V, where V−
is the negative supply.
Small Size
The small footprint of the LMV791 and the LMV792 package
saves space on printed circuit boards, and enables the
design of smaller electronic products, such as cellular
phones, pagers, or other portable systems. Long traces
between the signal source and the opamp make the signal
path susceptible to noise. By using a physically smaller
LMV791 and LMV792 package, the opamp can be placed
closer to the signal source, reducing noise pickup and in-
creasing signal integrity.
CAPACITIVE LOAD TOLERANCE
The LMV791 and LMV792 can directly drive 120 pF in
unity-gain without oscillation. The unity-gain follower is the
most sensitive configuration to capacitive loading. Direct
capacitive loading reduces the phase margin of amplifiers.
The combination of the amplifier’s output impedance and the
capacitive load induces phase lag. This results in either an
underdamped pulse response or oscillation. To drive a
heavier capacitive load, the circuit in Figure 1 can be used.
In Figure 1, the isolation resistor R
ISO and the load capacitor
C
L form a pole to increase stability by adding more phase
margin to the overall system. The desired performance de-
pends on the value of R
ISO. The bigger the RISO resistor
value, the more stable V
OUT will be. Increased RISO would,
however, result in a reduced output swing and short circuit
current.
INPUT CAPACITANCE AND FEEDBACK CIRCUIT
ELEMENTS
The LMV791 family has a very low input bias current (100 fA)
and a low 1/f noise corner frequency (400 Hz), which makes
it ideal for sensor applications. However, to obtain this per-
formance a large CMOS input stage is used, which adds to
the input capacitance of the op-amp, C
IN. Though this does
not affect the DC and low frequency performance, at higher
frequencies the input capacitance interacts with the input
and the feedback impedances to create a pole, which results
in lower phase margin and gain peaking. This can be con-
trolled by being selective in the use of feedback resistors, as
well as by using a feedback capacitance, C
F. For example,
in the inverting amplifier shown in Figure 2,ifC
IN and CF are
ignored and the open loop gain of the op amp is considered
infinite then the gain of the circuit is −R
2/R1. An op amp,
however, usually has a dominant pole, which causes its gain
to drop with frequency. Hence, this gain is only valid for DC
and low frequency. To understand the effect of the input
capacitance coupled with the non-ideal gain of the op amp,
the circuit needs to be analyzed in the frequency domain
using a Laplace transform.
20116861
FIGURE 1. Isolation of C
L to Improve Stability
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com