Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WNSC12650W Datasheet(PDF) 2 Page - WeEn Semiconductors

Part # WNSC12650W
Description  Silicon Carbide Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

WNSC12650W Datasheet(HTML) 2 Page - WeEn Semiconductors

  WNSC12650W Datasheet HTML 1Page - WeEn Semiconductors WNSC12650W Datasheet HTML 2Page - WeEn Semiconductors WNSC12650W Datasheet HTML 3Page - WeEn Semiconductors WNSC12650W Datasheet HTML 4Page - WeEn Semiconductors WNSC12650W Datasheet HTML 5Page - WeEn Semiconductors WNSC12650W Datasheet HTML 6Page - WeEn Semiconductors WNSC12650W Datasheet HTML 7Page - WeEn Semiconductors WNSC12650W Datasheet HTML 8Page - WeEn Semiconductors WNSC12650W Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
WeEn Semiconductors
WNSC12650W
Silicon Carbide Diode
WNSC12650W
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2020. All rights reserved
12 November 2020
2 / 11
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode
KA
TO247-2L
A
001aaa020
K
2
A
anode
mb
mb
mounting base; connected to
cathode
6. Ordering information
Table 3. Ordering information
7. Marking
Table 4. Marking codes
Type number
Package
name
Orderable part number Packing
method
Small packing
quantity
Package
version
Package
issue date
WNSC12650W
TO247-2L
WNSC12650WQ
Tube
30
TO247L-2L
10-Nov-2020
Type number
Marking codes
WNSC12650W
WNSC
12650W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com