Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6DVI Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 6DVI
Description  Field-mounted Two-wire Signal Conditioners 6-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6DVI Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  6DVI Datasheet HTML 1Page - M-System Co.,Ltd. 6DVI Datasheet HTML 2Page - M-System Co.,Ltd. 6DVI Datasheet HTML 3Page - M-System Co.,Ltd. 6DVI Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 6DVI
6DVI SPECIFICATIONS
ES-4216 Rev.5 Page 2/4
http://www.m-system.co.jp/
PERFORMANCE
Accuracy: ±0.01 mA
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) at 4 – 20 mA
input
HOW TO CALCULATE ACCURACY AGAINST SCALE
Example 1: 4 – 20 mA input, Scale 0 – 100
Accuracy = 0.01 mA ÷ (20 – 4)mA × 100 = 0.063 %
Display Error = (100 – 0) × 0.063 % = ±0.063 digits
Example 2: 10 – 20 mA input, Scale 100 – 1000
Accuracy = 0.01 mA ÷ (20 – 10)mA × 100 = 0.1 %
Display Error = (1000 – 100) × 0.1 % = ±0.9 digits
STANDARDS & APPROVALS
Refer to the manuals to comply with the standards.
EU conformity:
ATEX Directive (for ATEX intrinsic safety)
Ex ia EN 60079-11
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
Safety approval:
FM: Intrinsically safe
Class I, Div. 1, Groups A, B, C and D
Class I, Zone 0, AEx ia IIC (US)
Class I, Zone 0, Ex ia IIC (Canada)
T4 and T5
(Class 3600)
(Class 3610)
(ANSI/ISA 60079-0)
(ANSI/ISA 60079-11)
(CAN/CSA-C22.2 E60079-0)
(CAN/CSA-C22.2 E60079-11)
(EN 60079-0)
(EN 60079-11)
II 1G, Ex ia IIC; T4, T5, Ga
ATEX: Intrinsic safety
SAFETY PARAMETERS
Operating temperature
Temp. class: Operating temperature
T4: -40 to +85°C
T5: -40 to +60°C
Intrinsic safety Ex data
Ui: (Vmax) 28 V DC
Ii: (Imax) 120 mA DC (Max. current allowed for the
safety approval; Not to guarantee the product’s
performance.)
Pi: (Pmax) 0.84 W
Ci: 1.0 nF
Li: 0 mH
DISPLAY DESCRIPTIONS
■ DISPLAY DIGITS
The decimal point position may shift according to the
required number of digits for the integer section, even when
more than one decimal places have been specified.
However, when the number of decimal places is set to 3,
the ‘0’ in the integer section is not shown in order to secure
the number of effective digits, as explained in the table
below.
The ‘0’ is displayed when the number of decimal places is
set to 2, though the number of effective digits in this case is
reduced by 1 digit compared from the 3 decimal places.
Select appropriately for the application. Refer to
‘Programming Procedure’ for how to choose decimal point
positions.
3
DATA DISPLAY
DECIMAL
VALUE
2
-1.000 thr . -1.999
-0.001 thr . -0.999
-1.00 thr . -1.99
-0.01 thr . -0.99
...
...
...
...
Over-scale
DATA DISPLAY
ERROR TYPE
Under-scale
Setting error
Security code error
■ ERROR INDICATION
The data display blinks when an abnormality is detected.
The unit display backlight also blinks.
When the setting error or the security code error occurs, press
ENTR / ESC button once to cancel the error status and proceed
to set again.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com