Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6DVIB Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 6DVIB
Description  Field-mounted Two-wire Signal Conditioners 6-UNIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6DVIB Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  6DVIB Datasheet HTML 1Page - M-System Co.,Ltd. 6DVIB Datasheet HTML 2Page - M-System Co.,Ltd. 6DVIB Datasheet HTML 3Page - M-System Co.,Ltd. 6DVIB Datasheet HTML 4Page - M-System Co.,Ltd. 6DVIB Datasheet HTML 5Page - M-System Co.,Ltd. 6DVIB Datasheet HTML 6Page - M-System Co.,Ltd. 6DVIB Datasheet HTML 7Page - M-System Co.,Ltd. 6DVIB Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MODEL: 6DVI-B
6DVI-B SPECIFICATIONS
ES-4214 Rev.6 Page 1/8
http://www.m-system.co.jp/
Field-mounted Two-wire Signal Conditioners 6-UNIT
4-DIGIT LOOP POWERED INDICATOR
(outdoor enclosure, intrinsically safe)
Functions & Features
• 4-digit LED display
• No external power source needed
• Scaling, linearization and other configurations selectable
via three front control buttons
• Stainless steel enclosure optional
Note: Differences between the 6DV-B and the 6DVI-B exist
only in safety parameters. Refer to the relevant section for
more information.
MODEL:6DVI–B–[1][2][3][4][5]
ORDERING INFORMATION
• Code number: 6DVI-B-[1][2][3][4][5]
Specify a code from below for each of [1] through [5].
(e.g. 6DVI-B-2T01/S)
• Use Ordering Information Sheet (No. ESU-4220). Factory
standard setting will be used if not otherwise specified.
• Specify the country in which the product is to be used with
the Safety Approval code 2.
[1] SAFETY APPROVAL
1: FM intrinsically safe
2: ATEX intrinsic safety
[2] TERMINAL BLOCK
0: None (Euro type terminal block at the rear of indicator module)
T: Incorporated
[3] WIRING CONDUIT
0: G 1/2
1: 1/2 NPT
2: M20 × 1.5
3: PG 13.5
[4] MOUNTING BRACKET
0: Without
1: With
[5] OPTIONS
Enclosure Materials
Blank: Diecast aluminium enclosure
/S: Stainless steel enclosure
PACKAGE INCLUDES...
• Mounting screws
Bolt (M8 x 15): 4 pcs.
Spring washer for M8: 4 pcs.
• Mounting bracket assembly (option)
Mounting bracket: 1
M10 U-bolt: 2
Nut for M10: 4
Spring washer for M10: 4
Material: Stainless steel 304 (for aluminum enclosure)
Stainless steel 316 (for stainless steel enclosure)
Applicable pipe: 1 1/2” min.; 2” max.
• Engineering unit label (1)
GENERAL SPECIFICATIONS
Degree of protection: NEMA 4X, IP66/IP67
Wiring conduit: See ‘Ordering information.’
Electrical connection:
• Without terminal block: Euro terminal block (Applicable
wire size: 0.14 – 1.5 mm2 (AWG26 – 16), stripped length 6
mm)
• With terminal block:
M3 screw terminal (torque 0.5 N·m)
Screw terminal:
• With terminal block: Nickel-plated steel
Materials
Meter housing: Flame-resistant resin (black)
Enclosure: Diecast aluminium standard; stainless steel
casting optional (equivalent to type 316); silver color, epoxy
resin coated
Isolation: Input to outdoor enclosure
Linearization: Proportional, SQRT (X1/2), RT32 (X3/2), RT52
(X5/2), user’s linearization table (max. 21 calibration points)
(Default setting: Proportional)
A/D conversion: Dual-slope integration
Security: Protecting settings
Scaling: Programming via the front buttons


Similar Part No. - 6DVIB

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6DVI MSYSTEM-6DVI Datasheet
153Kb / 4P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6DVI-1 MSYSTEM-6DVI-1 Datasheet
153Kb / 4P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6DVI-2 MSYSTEM-6DVI-2 Datasheet
153Kb / 4P
Field-mounted Two-wire Signal Conditioners 6-UNIT
More results

Similar Description - 6DVIB

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6AC MSYSTEM-6AC Datasheet
101Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6DV MSYSTEM-6DV Datasheet
153Kb / 4P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6FN MSYSTEM-6FN Datasheet
94Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6LC MSYSTEM-6LC Datasheet
99Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PA MSYSTEM-6PA Datasheet
100Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PT MSYSTEM-6PT Datasheet
101Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6SN MSYSTEM-6SN Datasheet
96Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6TS MSYSTEM-6TS Datasheet
110Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6VS MSYSTEM-6VS Datasheet
101Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
A01 MSYSTEM-A01 Datasheet
87Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com