Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM60F020PC Datasheet(PDF) 1 Page - MacMic

Part # MM60F020PC
Description  200V 60A FRED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MM60F020PC Datasheet(HTML) 1 Page - MacMic

  MM60F020PC Datasheet HTML 1Page - MacMic MM60F020PC Datasheet HTML 2Page - MacMic MM60F020PC Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MM60F020PC
200V 60A
FRED
December 2010
PRELIMINARY
RoHS Compliant
MacMic Science & Technology Co., Ltd.
Add:#18, Hua Shan Zhong Lu, New District, Changzhou City, Jiangsu Province, P. R .of China
Tel.:+86-519-85163708 Fax:+86-519-85162291 Post Code:213022 Website:www.macmicst.com
APPLICATIONS
· Freewheeling, Snubber, Clamp
· Inversion Welder
· PFC
· Plating Power Supply
· Ultrasonic Cleaner and Welder
· Converter & Chopper
· UPS
PRODUCT FEATURES
· Ultrafast Recovery Time
· Soft Recovery Characteristics
· Low Recovery Loss
· Low Forward Voltage
· High Surge Current Capability
· Low Leakage Current
DESCRIPTION
FRED from MacMic utilizes advanced processing techniques to achieve
ultrafast recovery times and higher forward current. Its soft recovery
characteristics and high reliability suit for wide industrial applications
.
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Values
Unit
VR
Maximum D.C. Reverse Voltage
200
V
VRRM
Maximum Repetitive Reverse Voltage
200
V
TC=100°C, Per Diode
30
A
IF(AV)
Average Forward Current
TC=100°C, Per Package
60
A
IF(RMS)
RMS Forward Current
TC=100°C, Per Diode
53
A
IFSM
Non-Repetitive Surge Forward Current
TJ=45°C, t=10ms, 50Hz, Sine
300
A
PD
Power Dissipation
156
W
TJ
Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
-40 to +150
°C
Torque
Module-to-Sink
Recommended(M3)
1.1
N·m
RθJC
Thermal Resistance
Junction-to-Case
0.8
°C /W
Weight
6.0
g
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VR=200V
--
--
25
µA
IRM
Reverse Leakage Current
VR=200V, TJ=125°C
--
--
250
µA
IF=30A
--
0.86
1.1
V
VF
Forward Voltage
IF=30A, TJ=125°C
--
--
0.95
V
trr
Reverse Recovery Time
IF=1A, VR=30V, diF/dt=-200A/μs
--
22
--
ns
trr
Reverse Recovery Time
--
26
--
ns
IRRM
Max. Reverse Recovery Current
VR=100V, IF=30A
diF/dt=-200A/μs, TJ=25°C
--
2.3
--
A
trr
Reverse Recovery Time
--
40
--
ns
IRRM
Max. Reverse Recovery Current
VR=100V, IF=30A
diF/dt=-200A/μs, TJ=125°C
--
4.1
--
A


Similar Part No. - MM60F020PC

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MM60F020PC THINKISEMI-MM60F020PC Datasheet
1Mb / 3P
60.0 Ampere,200 Volt Common Cathode Fast Recovery Epitaxial Diode
More results

Similar Description - MM60F020PC

ManufacturerPart #DatasheetDescription
logo
MacMic
MM60F040B MACMIC-MM60F040B Datasheet
302Kb / 3P
400V 60A FRED
MM60F060B MACMIC-MM60F060B Datasheet
616Kb / 3P
600V 60A FRED
MM60F060P MACMIC-MM60F060P Datasheet
639Kb / 3P
600V 60A FRED
MM60F060PC MACMIC-MM60F060PC Datasheet
681Kb / 3P
600V 60A FRED
MM60F120B MACMIC-MM60F120B Datasheet
658Kb / 3P
1200V 60A FRED
MM60FC100B MACMIC-MM60FC100B Datasheet
221Kb / 3P
1000V 60A FRED
MM60FC120B MACMIC-MM60FC120B Datasheet
245Kb / 3P
1200V 60A FRED
MM60FU060B MACMIC-MM60FU060B Datasheet
617Kb / 3P
600V 60A FRED
MM60FU60BC MACMIC-MM60FU60BC Datasheet
249Kb / 3P
600V 60A FRED
MM60FU120B MACMIC-MM60FU120B Datasheet
616Kb / 3P
1200V 60A FRED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com