Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMD100E200X Datasheet(PDF) 1 Page - MacMic

Part # MMD100E200X
Description  100A Three-Phase Rectifier Bridge Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MMD100E200X Datasheet(HTML) 1 Page - MacMic

  MMD100E200X Datasheet HTML 1Page - MacMic MMD100E200X Datasheet HTML 2Page - MacMic MMD100E200X Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APPLICATIONS
□
Field Supply For DC Motors
□
Line Rectifiers For Transistorized AC Motor Controllers
□
Non-controllable Rectifiers For AC/DC Converter
MMD100E200X
100A Three-Phase Rectifier Bridge Module
February 2017
Version 1
RoHS Compliant
PRODUCT FEATURES
Unit
Repetitive Peak Reverse Voltage
Non-Repetitive Peak Reverse Voltage
□
Low Forward Voltage
□
High Surge Current Capability
□
Low Leakage Current
□
Low Inductance Package
□
UL:E332185
Module Type
Module Type
VRRM
VRSM
3
Unit
W
℃
℃
V
Nm
Nm
g
pg
pg
MMD100E200X
2000
2100
ABSOLUTE MAXIMUM RATINGS(T
C =25°C unless otherwise specified)
Symbol
Parameter/Test Conditions
Values
V
I D
Output Current(D.C.)
Three phase, full wave, Tc= 95℃
100
A
IFSM
Non-Repetitive Surge Forward
Current
1/2 cycle, 50HZ, peak value, TJ =45℃
1000
1/2 cycle, 60HZ, peak value, TJ =45℃
1100
I
2t
For Fusing
1/2 cycle, 50HZ, peak value ,TJ =45℃
5.0
KA
2S
1/2 cycle, 60HZ, peak value, TJ =45℃
5.1
PD
Power Dissipation
830
TJ
Junction Temperature
-40 to +150
TSTG
Storage Temperature Range
-40 to +125
VISO
Isolation Breakdown Voltage
AC, 50Hz(R.M.S), t=1minute
3000
Torque
Module to Sink
Recommended(M5)
2.5~5
Torque
Module Electrodes
Recommended(M5)
2.5~5
RthJC
Junction to Case Thermal Resistance
per diode
0.9
K /W
per module
0.15
Weight
150
MacMic Science & Technology Co., Ltd.
Add:#18 Hua Shan Zhong Lu New District Changzhou City Jiangsu ProvincePRof China
3
Add:#18, Hua Shan Zhong Lu, New District, Changzhou City, Jiangsu Province, P. R .of China
Tel.:+86-519-85163708 Fax:+86-519-85162291 Post Code:213022 Website:www.macmicst.com
3


Similar Part No. - MMD100E200X

ManufacturerPart #DatasheetDescription
logo
MacMic
MMD100E160X MACMIC-MMD100E160X Datasheet
178Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD100E180X MACMIC-MMD100E180X Datasheet
179Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD100EB160X MACMIC-MMD100EB160X Datasheet
198Kb / 3P
100A Three-Phase Rectifier Bridge Module
More results

Similar Description - MMD100E200X

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF75AC SANREX-DF75AC Datasheet
40Kb / 2P
Three Phase Rectifier Bridge Module
DF150AC SANREX-DF150AC Datasheet
39Kb / 2P
Three Phase Rectifier Bridge Module
logo
Nell Semiconductor Co.,...
MTP100 NELLSEMI-MTP100 Datasheet
1Mb / 3P
Glass Passivated Three-Phase Bridge Rectifier, 100A
MTP100A NELLSEMI-MTP100A Datasheet
1Mb / 3P
Three-Phase Bridge Rectifier, 100A
MTP100D NELLSEMI-MTP100D Datasheet
1Mb / 3P
Three-Phase Bridge Rectifier, 100A
MTP100S NELLSEMI-MTP100S Datasheet
1Mb / 3P
Three-Phase Bridge Rectifier, 100A
logo
MacMic
MMD100E160X MACMIC-MMD100E160X Datasheet
178Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD100E180X MACMIC-MMD100E180X Datasheet
179Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD100EB160X MACMIC-MMD100EB160X Datasheet
198Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD100F200X MACMIC-MMD100F200X Datasheet
348Kb / 3P
100A Three-Phase Rectifier Bridge Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com