Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMD100EB160X Datasheet(PDF) 2 Page - MacMic

Part # MMD100EB160X
Description  100A Three-Phase Rectifier Bridge Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MMD100EB160X Datasheet(HTML) 2 Page - MacMic

  MMD100EB160X Datasheet HTML 1Page - MacMic MMD100EB160X Datasheet HTML 2Page - MacMic MMD100EB160X Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unit
V
V
mΩ
rT
3.8
1.35
VTO
For power loss calculations only , TJ = 125℃
0.92
mA
VR = VRRM, TJ = 125℃
10
VF
Forward Voltage Drop
IF=100A
IRM
Maximum Reverse Leakage Current
VR = VRRM
0.5
MMD100EB160X
ELECTRICAL CHARACTERISTICS (T
C =25°C unless otherwise specified)
Symbol
Parameter/Test Conditions
Min.
Typ.
Max.
150
200
250
300
25℃
125℃
150
200
250
300
Max.
Three-Phase
4
Cycles
TC(℃)
Figure 3. Max Non-Repetitive Forward Surge Current
Figure 4. Output current vs Case temperature
VF(V)
ID(A)
Figure 1. Forward Voltage Drop vs Forward Current
Figure 2. Power dissipation vs Output Current
0
50
100
00.5
11.5
22.5
0
50
100
0
20
406080
100
0
200
400
600
800
1000
1200
1
10
100
0
20
40
60
80
100
120
25
50
75
100
125
150
50HZ
Max.
DC
44



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com