Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT60M45C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VT60M45C
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5 A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT60M45C Datasheet(HTML) 2 Page - Vishay Siliconix

  VT60M45C Datasheet HTML 1Page - Vishay Siliconix VT60M45C Datasheet HTML 2Page - Vishay Siliconix VT60M45C Datasheet HTML 3Page - Vishay Siliconix VT60M45C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VT60M45C
www.vishay.com
Vishay General Semiconductor
Revision: 09-Nov-17
2
Document Number: 87782
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 5 ms
Notes
(1) The heat generated must be less than the thermal conductivity from junction-to-ambient dPD/dTJ < 1/RJA
(2) Free air, without heatsink
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
(D = Duty Cycle = 0.5)
Fig. 2 - Forward Power Loss Characteristics Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode
IF = 5 A
TA = 25 °C
VF (1)
0.45
-
V
IF = 15 A
0.51
-
IF = 30 A
0.58
0.68
IF = 5 A
TA = 125 °C
0.32
-
IF = 15 A
0.41
-
IF = 30 A
0.50
0.60
Reverse current per diode
VR = 45 V
TA = 25 °C
IR (2)
-
450
μA
TA = 125 °C
5.4
25
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT60M45C
UNIT
Typical thermal resistance (1)
per diode
RJC
1.0
°C/W
per device
0.7
per device
RJA (2)
52
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
VT60M45C-M3/4W
1.89
4W
50/tube
Tube
0
10
20
30
40
50
60
70
0
25
50
75
100
125
150
175
Case Temperature (
°C)
Free air, without heatsink,
RthJA = 52 oC/W
With heatsink, RthJC = 0.7 oC/W
0
2
4
6
8
10
12
14
16
18
20
22
0
4
8
12
16
20
24
28
32
36
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = tp/T
T
tp



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com