Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40DPT Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 40DPT
Description  Digital Panel Meters 40 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

40DPT Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  40DPT Datasheet HTML 1Page - M-System Co.,Ltd. 40DPT Datasheet HTML 2Page - M-System Co.,Ltd. 40DPT Datasheet HTML 3Page - M-System Co.,Ltd. 40DPT Datasheet HTML 4Page - M-System Co.,Ltd. 40DPT Datasheet HTML 5Page - M-System Co.,Ltd. 40DPT Datasheet HTML 6Page - M-System Co.,Ltd. 40DPT Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: 40DPT
40DPT SPECIFICATIONS
ES-9537 Rev.7 Page 1/7
https://www.m-system.co.jp/
Digital Panel Meters 40 Series
AC VOLTAGE INPUT DIGITAL PANEL METER
(4 digit, process meter, true RMS sensing)
Functions & Features
• 4 digit (±9999) panel meter
• Scaling and HOLD functions
• High visible, 0.8" (20.3mm) high and bright LED
mm (inch)
96 (3.78)
48
(1.89)
96 (3.78)
MODEL: 40DPT–[1]–[2][3]
ORDERING INFORMATION
• Code number: 40DPT–[1]–[2][3]
Specify a code from below for each of [1] through [3].
(e.g. 40DPT-V1-K3/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
[1] INPUT
Voltage
V1: 0.0 - 200.0 mV AC (Conformance range)
(Input range: 0.0 – 240.0 mV AC, Input resistance: ≥100 kΩ)
V2: 0.000 - 2.000 V AC (Conformance range)
(Input range: 0.000 – 2.400 V AC, Input resistance: ≥1 MΩ)
V3: 0.00 - 20.00 V AC (Conformance range)
(Input range: 0.00 – 24.00 V AC, Input resistance: ≥1 MΩ)
V4: 0.0 - 200.0 V AC (Conformance range)
(Input range: 0.0 – 240.0 V AC, Input resistance: ≥1 MΩ)
V5: 0.0 - 400.0 V AC (Conformance range)
(Input range: 0.0 – 480.0 V AC, Input resistance: ≥1 MΩ)
(CE not available)
[2] POWER INPUT
AC Power
K3: 100 – 120V AC
(Operational voltage range 85 - 132 V, 47 - 66 Hz)
L3: 200 – 240V AC
(Operational voltage range 170 - 264 V, 47 - 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±20 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
Moving parts and indicators are not coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9537)
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Connection: M3 screw terminals (torque 0.6 N·m)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Isolation: Input to power
Input waveform
RMS sensing: Up to 15 % of 3rd harmonic content
Sampling rate: 10 times/sec. (100 msec.)
Averaging: None or moving average
Setting: (Front button)
• Scaled range
• Low-end cutout
• Moving average
• Brightness
• Others
■Recommended solderless terminal
3.3 (.13) max
mm (inch)


Similar Part No. - 40DPT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
40D DBLECTRO-40D Datasheet
992Kb / 2P
PRODUCT DESCRIPTIONS
40D DBLECTRO-40D Datasheet
1Mb / 2P
PRODUCT DESCRIPTIONS
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
logo
Yuan Dean Scientific., ...
40D YUANDEAN-40D Datasheet
353Kb / 3P
DC-DC Converter
logo
Shanghai Yint Electroni...
40D YINT-40D Datasheet
462Kb / 3P
High-Energy Varistors
More results

Similar Description - 40DPT

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
M-System Co.,Ltd.
40DCT MSYSTEM-40DCT Datasheet
269Kb / 7P
Digital Panel Meters 40 Series
40DN MSYSTEM-40DN Datasheet
198Kb / 5P
Digital Panel Meters 40 Series
40DR MSYSTEM-40DR Datasheet
201Kb / 6P
Digital Panel Meters 40 Series
40DT MSYSTEM-40DT Datasheet
201Kb / 6P
Digital Panel Meters 40 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com