Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48SV Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 48SV
Description  BARGRAPH INDICATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48SV Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  48SV Datasheet HTML 1Page - M-System Co.,Ltd. 48SV Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
48SV
ES-9321 Rev.4
Specifications subject to change without notice.
TERMINAL CONNECTION
MOUNTING REQUIREMENTS mm (inch)
■PANEL CUTOUT
Panel thickness: 0.5 – 2.0 mm (.02" – .08")
EXTERNAL DIMENSIONS mm (inch)
F
NC
E
–
D
+
C
NC
B
–
A
+
POWER
SOURCE
INPUT
18 (.71)
100 (3.94)
4 (.16)
17.5 (.69)
18 (.71)
APPROX.
3x12 (.12x.47) SCREW
ZERO ADJ.
SPAN ADJ.
18
+ 0 (0.71)
– 0.2 (0.70)
P. 2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com