Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48SV2-BVASRT Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # 48SV2-BVASRT
Description  Bargraph Indicators 48 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48SV2-BVASRT Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  48SV2-BVASRT Datasheet HTML 1Page - M-System Co.,Ltd. 48SV2-BVASRT Datasheet HTML 2Page - M-System Co.,Ltd. 48SV2-BVASRT Datasheet HTML 3Page - M-System Co.,Ltd. 48SV2-BVASRT Datasheet HTML 4Page - M-System Co.,Ltd. 48SV2-BVASRT Datasheet HTML 5Page - M-System Co.,Ltd. 48SV2-BVASRT Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: 48SV2
48SV2 SPECIFICATIONS
ES-9315 Rev.3 Page 6/6
https://www.m-system.co.jp/
PANEL CUTOUT unit: mm
Panel thickness: 0.5 - 2.0
Panel thickness: 0.5 - 2.0
Panel thickness: 0.5 - 2.0
Panel thickness: 0.5 - 2.0
Note 1. When mounting vertically, leave 3 cm or more of space above and below the unit.
1 cm or more of space to right adn left the unit.
Note 2. When mounting horizontally, leave 3 cm or more of space above and below the unit.
2.5 cm or more of space to left and right of the unit.
•
Clustered
Mounting
18
28 min.
18
+ 0
– 0.2
+ 0
– 0.2
18
+ 0
– 0.2
•
Single Mounting
•
Clustered Mounting
•
Single Mounting
69.5
97 min.
+ 1
– 0.2
69.5
+ 1
– 0.2
69.5
+ 1
– 0.2
• VERTICAL MOUNTING
• HORIZONTAL MOUNTING
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
3
4
Low Drift
Amplifier
Digital
Computation
Circuit
Display
Circuit
2
INPUT
*
* Input shunt resistor incorporated for current input.
1
+
–
+
–
POWER
5
7
6
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com