Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53U Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 53U
Description  Power Transducer Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

53U Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  53U Datasheet HTML 1Page - M-System Co.,Ltd. 53U Datasheet HTML 2Page - M-System Co.,Ltd. 53U Datasheet HTML 3Page - M-System Co.,Ltd. 53U Datasheet HTML 4Page - M-System Co.,Ltd. 53U Datasheet HTML 5Page - M-System Co.,Ltd. 53U Datasheet HTML 6Page - M-System Co.,Ltd. 53U Datasheet HTML 7Page - M-System Co.,Ltd. 53U Datasheet HTML 8Page - M-System Co.,Ltd. 53U Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MODEL: 53U
53U SPECIFICATIONS
ES-6485 Rev.26 Page 2/9
https://www.m-system.co.jp/
RELATED PRODUCTS
• PC configurator software (model: PMCFG)
• PC Recorder Light software for the 53U (model:
MSR128LUx) Software downloadable at M-System’s web.
Software downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: 96-mm square (1/4 DIN size) panel flush
mounted
Degree of protection
Front panel: IP 50
Terminal block, housing: IP 30
Connection
Voltage input: Connector type terminal block
(applicable wire size ≤ 2.5 dia, 0.5 – 3.5 mm2, stripped
length 7 - 8 mm)
Current input: Screw terminal block
(applicable wire size ≤ 2.4 dia, 0.5 – 3.5 mm2, stripped
length 13 - 15 mm)
Contact input, contact output, analog output, Modbus,
auxiliary power supply: Connector type terminal block
(applicable wire size ≤ 2.4 dia, 0.5 – 2.5 mm2, stripped
length 7 - 8 mm)
Configuration: Single phase/2-wire and 3-wire, 3-phase/3-
wire balanced/unbalanced load, 3-phase/4-wire
balanced/unbalanced load
Housing material: Flame-resistant resin (gray)
Isolation: Voltage input to current input to contact input to
Modbus or configurator jack or analog output to contact
output (between each contact output except for External
Interface code 8) to power
■ Measured variables
Voltage: 1 – N, 2 – N, 3 – N, 1 – 2, 2 – 3, 3 – 1
Current: 1, 2, 3, N
Average current: 1, 2, 3
Active / reactive / apparent power: 1, 2, 3, Σ
Power factor: 1, 2, 3, Σ
Frequency
Phase angle between voltages: 1 - 2, 2 - 3, 3 - 1
Active energy incoming / outgoing: Σ
Reactive energy inductive / capacitive: Σ
Apparent energy: Σ
Active / reactive / apparent power intervals (demand)
Other demands
Harmonic contents: 2nd to 31st
Max. and min. values
■ DISPLAY: LCD with LED backlight
(LED OFF timer available)
Signed: 4 digits, 3 lines
Energy: 9 digits, 1 line
Bargraph: 3 points
INPUT SPECIFICATIONS
Frequency: 50 / 60 Hz (45 – 65 Hz)
• Voltage Input
Rated voltage
Line-to-line (delta voltage): 480 V
Line-neutral (phase voltage): 277 V (single-phase / 2-wire
and 3-wire)
Consumption VA: ≤ ULN2 / 300 kΩ / phase
Overload capacity: 200 % of rating for 10 sec., 120%
continuous
Selectable primary voltage range: 50 – 400 000 V
• Current Input
Rated current: 1 A or 5 A
Consumption VA: ≤ I2 · 0.01 Ω / phase
Overload capacity: 4000 % of rating for 1 sec., 2000% for 4
sec., 120% continuous
Selectable primary current range: 1 – 20 000 A
Operational range
Voltage, current, apparent power: ≤ 120 % of the rating
Active/reactive power: ≤ ±120 % of the rating
Frequency: 45 – 65 Hz
Power factor: ≤ ±1
■ Contact Input: 24 V DC or 110 V DC
(input resistance 6 kΩ)
Detecting voltage: External 24 V DC ±10 % or 110 V DC
±10 %
ON current: ≥ 1 mA (≤ 24 kΩ @ 24 V, ≤ 110 kΩ @110 V)
OFF current: ≤ 0.1 mA (≥ 240 kΩ @ 24 V, ≥ 1.1 MΩ @ 110
V)
Detecting time: 10 – 1000 msec.
The status can be monitored on the Modbus; usable to reset
energy count or to update average (demand) value.
OUTPUT SPECIFICATIONS
■ Modbus
Communication: Half-duplex, asynchronous, no procedure
Interface: Conforms to TIA/EIA-485-A
Max. transmission distance: 500 meters
Baud rate: 1.2 – 38.4 kbps
Max. number of nodes: 31 (except the master)
Protocol: Modbus RTU
Node address: 1 – 247 (factory default setting: 1)
Parity: none, even or odd (factory default setting: odd)
Stop bit: 1 or 2 (factory default setting: 1)
Media: Shielded twisted-pair cable (CPEV-S 0.9 dia.)
■ DC Current: 4 – 20 mA DC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com