Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48AV-2RVC-K Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 48AV-2RVC-K
Description  Bargraph Indicators 48 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48AV-2RVC-K Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  48AV-2RVC-K Datasheet HTML 1Page - M-System Co.,Ltd. 48AV-2RVC-K Datasheet HTML 2Page - M-System Co.,Ltd. 48AV-2RVC-K Datasheet HTML 3Page - M-System Co.,Ltd. 48AV-2RVC-K Datasheet HTML 4Page - M-System Co.,Ltd. 48AV-2RVC-K Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: 48AV
http://www.m-system.co.jp/
48AV SPECIFICATIONS
ES-9312 Rev.18 Page 3/5
STANDARD SCALE & UNIT EXAMPLES
1
1.1
.8
.6
.4
.2
0
.2
0
.4
.6
.8
1
1.2
1.29
0
.3
.6
.9
1.2
1.3
0
.3
.6
.9
1.2
1.5
1.8
1.99
0
0
0
0
.5
.5
1
1.5
2
2.5
2.59
.5
1
1.5
2
1
1.5
2
2.5
3
3.5
4
4.5
5
5.49
0
1
2
3
4
5
5.5
0
1
2
3
4
5
6
7
8
9
10
10.9
.5
1
1.5
2
2.5
2.6
22 div.
25.9 div.
26 div.
39.9 div.
40 div.
51.9 div.
26 div.
54.9 div.
27.5 div.
54.9 div.
Pattern 1
1.1 ≤ SPAN < 1.3
22 through 25.9
Span of Scale Range
Standard Divisions
Standard Scales
Pattern 2
1.3 ≤ SPAN < 2.0
26 through 39.9
Pattern 3
2.0 ≤ SPAN < 2.6
40 through 51.9
Pattern 4
2.6 ≤ SPAN < 5.5
26 through 54.9
Pattern 5
5.5 ≤ SPAN < 11.0
27.5 through 54.9
20
Ratio
20
20
10
5
Enginnering unit: %, °C, Nm3/h, m3/h, t/h, km3/h, kg/h, l/h, Pa, kPa, abs, ppm, pH, psi, kg/cm2G, N/m2, N/cm2, lb/h, J, kJ, Nl, m3, lbs, Ω, μΩ, 1°
Span of Scale Range = (Full Scale – Zero Scale) × 10n
where n = integer (Determine ‘n’ so that the span of scale range is 1.1 or greater than 1.1, and smaller than 11.0.)
[Example 1] Scale range 0 to 100
Span of Scale Range = (100 – 0) × 10-1 = 10
Span of 10 falls into Pattern 5 according to the above table. Number of divisions
is calculated from the Span of Scale Range multiplied by the ratio (10 × 5).
The scale range 0 to 100 is provided with 50 divisions.
[Example 2] Scale range -10 to +10
Span of Scale Range = (10 – (-10)) × 10-1 = 2
Span of 2 falls into Pattern 3 according to the above table. Number of divisions
is calculated from the Span of Scale Range multiplied by the ratio (2 × 20).
The scale range -10 to +10 is provided with 40 divisions.
■ DIVISIONS
Number of divisions depends upon the scale range.
■ STANDARD SCALES & DIVISIONS (example)
Example 1
100
90
80
70
60
50
40
30
20
10
0
Unit
Example 2
10
5
0
5
10
–
Unit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com