Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8086643 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8086643
Description  Compressed air filter regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8086643 Datasheet(HTML) 1 Page - Festo Corporation.

  8086643 Datasheet HTML 1Page - Festo Corporation. 8086643 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compressed air filter regulator
MS2-LFR-M5-D6-A8-C-M-B
Part number: 8086643
Data sheet
Feature
Value
Size
2
Type code
MS2-LFR
Series
MS
Actuator lock
Rotary knob with detent
Mounting position
Vertical +/- 5°
Grade of filtration
5 µm
Condensate drain
Manually rotating
Design
Filter regulator without pressure gauge
Max. condensate volume
3 ml
Controller function
Outlet pressure constant
With secondary exhausting
With return flow function
Symbol
00991590
Pressure gauge
G1/8 prepared
Operating pressure
1 bar ... 10 bar
Operating pressure
0.1 MPa ... 1 MPa
Pressure regulation range
0.5 bar ... 7 bar
Max. pressure hysteresis
0.25 bar
Standard nominal flow rate
140 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Corrosion resistance class (CRC)
1 - Low corrosion stress
Storage temperature
-5 °C ... 50 °C
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [6:4:4]
Temperature of medium
-5 °C ... 50 °C
Ambient temperature
-5 °C ... 50 °C
Product weight
42.3 g
Type of mounting
Optionally:
Front panel mounting
Line installation
With accessories
Pneumatic connection 1
M5
Pneumatic connection 2
M5
Note on materials
RoHS-compliant
Seals material
NBR
Rotary knob material
POM
Material of spring
High-alloy steel
6/8/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8086643

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8086640 FESTO-8086640 Datasheet
87Kb / 2P
Pressure regulator
3/16/22
8086641 FESTO-8086641 Datasheet
94Kb / 2P
Compressed air filter regulator
8086642 FESTO-8086642 Datasheet
94Kb / 2P
Compressed air filter regulator
8086644 FESTO-8086644 Datasheet
95Kb / 2P
Compressed air filter regulator
8086645 FESTO-8086645 Datasheet
95Kb / 2P
Compressed air filter regulator
More results

Similar Description - 8086643

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8086641 FESTO-8086641 Datasheet
94Kb / 2P
Compressed air filter regulator
8086644 FESTO-8086644 Datasheet
95Kb / 2P
Compressed air filter regulator
8086646 FESTO-8086646 Datasheet
89Kb / 2P
Compressed air filter regulator
8120897 FESTO-8120897 Datasheet
89Kb / 2P
Compressed air filter regulator
2/27/22
8120898 FESTO-8120898 Datasheet
87Kb / 2P
Compressed air filter regulator
2/27/22
8120899 FESTO-8120899 Datasheet
89Kb / 2P
Compressed air filter regulator
2/27/22
8120900 FESTO-8120900 Datasheet
89Kb / 2P
Compressed air filter regulator
2/27/22
8120901 FESTO-8120901 Datasheet
89Kb / 2P
Compressed air filter regulator
2/27/22
8120903 FESTO-8120903 Datasheet
87Kb / 2P
Compressed air filter regulator
2/27/22
8120905 FESTO-8120905 Datasheet
89Kb / 2P
Compressed air filter regulator
2/27/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com