Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60C Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 60C
Description  Field Network Modules 60-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

60C Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  60C Datasheet HTML 1Page - M-System Co.,Ltd. 60C Datasheet HTML 2Page - M-System Co.,Ltd. 60C Datasheet HTML 3Page - M-System Co.,Ltd. 60C Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 60C
60C SPECIFICATIONS
ES-6602 Rev.10 Page 1/4
http://www.m-system.co.jp/
Field Network Modules 60-UNIT Series
ANALOG I/O MODULE
(CC-Link)
Functions & Features
• Interfacing analog I/O signals from/to 10-RACK or 18-RACK
modules with CC-Link
• Saving power and I/O wiring inside an instrumentation
panel
7 8 9
7 8 9
7 8 9
72
(2.83)
80
(3.15)
mm (inch)
153
(6.02)
MODEL: 60C-[1][2]-[3][4]
ORDERING INFORMATION
• Code number: 60C-[1][2]-[3][4]
Specify a code from below for each [1] through [4].
(e.g. 60C-161-K/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] NO. OF CHANNELS
04: 4 points
08: 8 points
16: 16 points
[2] I/O TYPE
1: Input
2: Output
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
•Special cable (model: MCN34)
PACKAGE INCLUDES...
• Terminating resistor (110 Ω, 0.5 W)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
CC-Link: Euro type connector terminal (applicable wire
size: 0.2 to 2.5 mm2, stripped length 7 mm)
I/O: 34-pin connector (OMRON XG4A-3434)
Power input: M3.5 screw terminal
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: I/O to CC-Link to power to FG1
Power indicator: Green LED turns on with power supplied.
CC-Link COMMUNICATION
CC-Link: Conforms to Version 1.10
Station type: Remote device station
Station No. setting: Rotary switch; 1 – 64
Number of occupied stations:
60C-04 1 station
60C-08 2 stations
60C-16 4 stations
Remote I/O (RX, RY) is fixed to 32 points.
Baud rate setting: Rotary switch
(156kbps(factory setting), 625kbps, 2.5Mbps, 5Mbps,
10Mbps)
Transmission cable: Approved for CC-Link
L RUN indicator: Red LED turns on in an normal condition.
L ERR. indicator: Red LED turns on or flashes in an
abnormality; off with wire breakdown.
SD indicator: Red LED turns on when transmitting.
RD indicator: Red LED turns on when receiving.


Similar Part No. - 60C

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
60C16-M7-4-060S GRAYHILL-60C16-M7-4-060S Datasheet
557Kb / 3P
Three-in-One Joystick, Optical Encoder and Pushbutton
60C22-M7-4-060S GRAYHILL-60C22-M7-4-060S Datasheet
557Kb / 3P
Three-in-One Joystick, Optical Encoder and Pushbutton
logo
Infineon Technologies A...
60C360P7 INFINEON-60C360P7 Datasheet
912Kb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.3,2018-03-02
60C7180 INFINEON-60C7180 Datasheet
1Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-08-10
logo
3M Electronics
60CA 3M-60CA Datasheet
267Kb / 2P
General Purpose 60 CA Spray Adhesive
More results

Similar Description - 60C

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
60D MSYSTEM-60D Datasheet
140Kb / 4P
Field Network Modules 60-UNIT Series
60F MSYSTEM-60F Datasheet
134Kb / 4P
Field Network Modules 60-UNIT Series
60M MSYSTEM-60M Datasheet
185Kb / 5P
Field Network Modules 60-UNIT Series
60S MSYSTEM-60S Datasheet
181Kb / 5P
Field Network Modules 60-UNIT Series
61A MSYSTEM-61A Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61C MSYSTEM-61C Datasheet
111Kb / 4P
Field Network Modules 61-UNIT Series
61D MSYSTEM-61D Datasheet
108Kb / 4P
Field Network Modules 61-UNIT Series
61F MSYSTEM-61F Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61M MSYSTEM-61M Datasheet
152Kb / 5P
Field Network Modules 61-UNIT Series
61S MSYSTEM-61S Datasheet
155Kb / 5P
Field Network Modules 61-UNIT Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com