Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73VR3100 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 73VR3100
Description  Paperless Recording System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR3100 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  73VR3100 Datasheet HTML 1Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 2Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 3Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 4Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 5Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 6Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 7Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 8Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MODEL: 73VR3100
73VR3100 SPECIFICATIONS
ES-7397 Rev.30 Page 4/14
http://www.m-system.co.jp/
■ STORING RATE
Possible storing rates depend upon the I/O module types.
TYPE
STORING RATE
20ms
0.1s
≥ 0.5s
R3-SS4
Y
Y
Y
R3(Y)-SS8
---
Y
Y
R3(Y)-SS8N
---
Y
Y
R3-SS16N
---
Y
Y
R3-SV4
Y
Y
Y
R3-SV4A
Y
Y
Y
R3-SV4B
Y
Y
Y
R3-SV4C
Y
Y
Y
R3(Y)-SV8
---
Y
Y
R3-SV8A
---
Y
Y
R3-SV8B
---
Y
Y
R3-SV8C
---
Y
Y
R3(Y)-SV8N
Y
Y
Y
R3-SV16N
---
Y
Y
R3Y-SV16
---
Y
Y
R3-TS4
---
---
Y
R3-TS8
---
---
Y
R3-RS4
---
---
Y
R3(Y)-RS8
---
---
Y
R3-US4
---
---
Y
R3-DS4
Y
Y
Y
R3-DS4A
Y
Y
Y
R3-DS8N
---
Y
Y
R3-CT4
---
---
Y
R3-CT4A
---
---
Y
R3-CT4B
---
---
Y
R3-CT4C
---
---
Y
R3-CT8A
---
---
Y
R3-CT8B
---
---
Y
R3-CT8C
---
---
Y
R3-PT4
---
---
Y
R3-PA2
---
---
Y
R3-PA4
---
---
Y
R3-PA4A
---
---
Y
R3-PA4B
---
---
Y
R3-PA8
---
---
Y
R3(Y)-PA16
---
---
Y
R3-WTU
---
---
Y
R3-WT4
---
---
Y
R3-WT4A
---
---
Y
R3-WT4B
---
---
Y
R3-MS4
Y
Y
Y
R3(Y)-MS8
---
Y
Y
R3-LC2
---
Y
Y
R3-CZ4
---
Y
Y
R3-AS4
Y
Y
Y
R3-AS8
---
Y
Y
R3-AV4
Y
Y
Y
R3-AV8
---
Y
Y
R3-AD4
---
---
Y
R3-AT4
---
---
Y
R3-AR4
---
---
Y
R3(Y)-DA16
Y
Y
Y
R3(Y)-DC16
---
---
Y
R3-DC32A
---
---
Y
R3-DAC16A
---
---
Y
[Legend] Y = Selectable, --- = Not Selectable
■ SELECTABLE NETWORK MODULES
R3 Series network modules as listed to below are usable for
the 73VR3100.
R3–[1]–N
[1] MODEL
NC1: CC-Link (Ver. 1; 16-point analog)
NC2: CC-Link (Ver. 1; 32-point analog)
NC3: CC-Link (Ver. 2)
ND1: DeviceNet (16-point analog)
ND2: DeviceNet (32-point analog)
ND3: DeviceNet (64-point analog)
NE1: Ethernet (Modbus/TCP)
NF1: T-Link (Fuji Electric)
NM1: Modbus
NP1: PROFIBUS-DP
NL1: LonWorks (16-point analog)
POWER INPUT
N: No power supply
● CAUTIONS OF USING THE R3 SERIES NETWORK MODULE
One R3 Series network module is mountable at the position
of I/O Module 4. In the dual communication mode, the
73VR3100 is automatically defined as ‘main’ bus, while the
R3 network is as ‘sub.’ The R3 network module cannot
output through output modules. Choose I/O modules with
dual communication mode (code ‘W’).
■ SELECTABLE INTERFACE I/O MODULE (GATEWAY
MODULE)
R3 Series interface I/O modules as listed below are usable
for the 73VR3100.
R3-[1]S
[1] MODEL
GC1: CC-Link (Ver.1.10/Ver.2.00)
GD1: DeviceNet (for 64-point analog signals)
GE1: Modbus/TCP (Ethernet)
GM1: Modbus (RS-485)
GFL1: FL-net (Ver. 2.0; OPCN-2)
COMMUNICATION MODE
S: Single
■ CAUTIONS OF USING THE R3 SERIES INTERFACE I/O
MODULE
•Interface I/O Modules support analog data only, not for
digital data.
•73VR3100 cannot output analog data. Only analog data
input via Interface I/O Module is available.
•73VR3100 can receive maximum 64 words for input data.
•Storing Interval 20 msec. is not supported. When
73VR3100 is in Remote Mode, storing Interval 20 msec. and
100 msec. are not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com