Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A33 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # A33
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

A33 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  A33 Datasheet HTML 1Page - M-System Co.,Ltd. A33 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: A-33
A-33 SPECIFICATIONS
ES-8193 Rev.4 Page 2/2
http://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm (inch)
■ 2-WIRE
■ 3-WIRE
Observe 31.5 mm (1.24 in.) min.
between 3-wire type units.
8.5
(.33)
[3.3 (.13)]
DIN RAIL
35mm wide
31.5 (1.24)
2–M4 MTG SCREW
USED AS GROUND
TERMINAL (G)
80 (3.15)
23.5 (.93)
2–M4 MTG SCREW
USED AS GROUND
TERMINAL (G)
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com