Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8CJ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S8CJ
Description  Surface-Mount Glass Passivated Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S8CJ Datasheet(HTML) 2 Page - Vishay Siliconix

  S8CJ Datasheet HTML 1Page - Vishay Siliconix S8CJ Datasheet HTML 2Page - Vishay Siliconix S8CJ Datasheet HTML 3Page - Vishay Siliconix S8CJ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S8CG, S8CJ, S8CK, S8CM
www.vishay.com
Vishay General Semiconductor
Revision: 26-Feb-2020
2
Document Number: 87607
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width; 1 % duty cycle
(2) Pulse test: pulse width
≤ 40 ms
Notes
(1) Free air, mounted on recommended PCB, 2 oz.pad area; thermal resistance RθJA - junction to ambient
(2) Mounted on 30 mm x 30 mm Aluminum PCB, thermal resistance RθJM - junction to mount
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Average Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 4.0 A
TA = 25 °C
VF (1)
0.89
-
V
IF = 8.0 A
0.96
0.985
IF = 4.0 A
TA = 125 °C
0.78
-
IF = 8.0 A
0.87
0.935
Reverse current
Rated VR
TA = 25 °C
IR (2)
-10
μA
TA = 125 °C
-
350
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
4-
μs
Typical junction capacitance
4.0 V, 1 MHz
CJ
79
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
S8CG
S8CJ
S8CK
S8CM
UNIT
Typical thermal resistance
RθJA
(1)
75
°C/W
RθJM
(2)
9.5
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
S8CJ-M3/I
0.257
I
3500
13" diameter plastic tape and reel
S8CJHM3/I (1)
0.257
I
3500
13" diameter plastic tape and reel
0
2.0
4.0
6.0
8.0
10.0
025
50
75
100
125
150
Mount Temperature (°C)
T
M measured on aluminum PCB
30 mm x 30 mm
free air
T
A measured on recommended PCB,
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0123456789
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = tp/T
T
tp



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com