Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES5D Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # ES5D
Description  SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Ampere
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ES5D Datasheet(HTML) 1 Page - Rectron Semiconductor

  ES5D Datasheet HTML 1Page - Rectron Semiconductor ES5D Datasheet HTML 2Page - Rectron Semiconductor ES5D Datasheet HTML 3Page - Rectron Semiconductor ES5D Datasheet HTML 4Page - Rectron Semiconductor ES5D Datasheet HTML 5Page - Rectron Semiconductor ES5D Datasheet HTML 6Page - Rectron Semiconductor ES5D Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Resistive or inductive load.
ES5A
THRU
ES5J
DO-214AB
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA =55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
T
Typical Thermal Resistance (Note 4)
ypical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
C
R JA
R JL
J
TJ,TSTG
VRMS
ES5A
ES5B
ES5C
ES5D
ES5E
ES5G
ES5J
UNITS
50
150
300
Volts
Volts
Volts
Amps
35
50
100
70
100
420
600
105
150
210
300
600
280
400
400
5.0
150
20
5
50
-55to+175
Amps
pF
0C
0C/W
200
140
200
NOTES :
1. Reverse Re
3. Thermal Resistance : Mounted on PCB.
covery Test Conditions: IF = 0.5A, IR =-1.0A, IRR =-0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2018-10
REV:C
at Rated DC Blocking Voltage
@TA =25
oC
@TA =150
oC
CHARACTERISTICS
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
UNITS
0.95
1.25
1.70
3.0
2.0
35
Amps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 5.0A DC
Volts
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.24 gram
* Epoxy : Device has UL flammability classification 94V-0
MECHANICAL DATA
SURFACE MOUNT GLASS PASSIVATED
SUPER FAST SILICON RECTIFIER
0.103 ( 2.62 )
0.079 ( 2.06 )
0.012 ( 0.305 )
0.006 ( 0.152 )
0.008 ( 0.203 )
0.004 ( 0.102 )
0.060 ( 1.52 )
0.030 ( 0.76 )
0.320 ( 8.13 )
0.305 ( 7.75 )
0.280 ( 7.11 )
0.260 ( 6.60 )
0.245 ( 6.22 )
0.220 ( 5.59 )
0.125 (3.17 )
0.115 (2.92 )
Typical Current Square Time
I2T
A2S
93.4
ES5A
ES5B
ES5C
ES5D
ES5E
ES5G
ES5J
* Halogen-free
mAm ps


Similar Part No. - ES5D

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ES5D FORMOSA-ES5D Datasheet
119Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
logo
Guangdong Juxing Electr...
ES5D JUXING-ES5D Datasheet
3Mb / 2P
Surface Mount Superfast Rectifiers
logo
Microdiode Semiconducto...
ES5D CHENDA-ES5D Datasheet
561Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ES5D

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
EFM201L RECTRON-EFM201L Datasheet
442Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Ampere
EFM301L RECTRON-EFM301L Datasheet
393Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Ampere
EFM101F RECTRON-EFM101F Datasheet
100Kb / 7P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
EFM507 RECTRON-EFM507 Datasheet
122Kb / 7P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 600 Volts CURRENT 5.0 Ampere
ES1A RECTRON-ES1A Datasheet
242Kb / 8P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
ES1AF RECTRON-ES1AF Datasheet
382Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
ES1ASL RECTRON-ES1ASL Datasheet
179Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
ES3AF RECTRON-ES3AF Datasheet
124Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Ampere
EFM101B RECTRON-EFM101B_V01 Datasheet
101Kb / 7P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
2011-10 REV: O
SF51 RECTRON-SF51_V01 Datasheet
191Kb / 7P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Ampere
2020-03 REV:C
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com