Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS150 Datasheet(PDF) 1 Page - Caddock Electronics, Inc.

Part # MS150
Description  Type MS Power Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

MS150 Datasheet(HTML) 1 Page - Caddock Electronics, Inc.

  MS150 Datasheet HTML 1Page - Caddock Electronics, Inc. MS150 Datasheet HTML 2Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2003-2021 Caddock Electronics, Inc.
Sales and Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
email: caddock@caddock.com
website: caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
ELECTRONICS, INC.
28_IL108.0321
Power Film Resistor Family with Wide Resistance Range and +275°C Maximum Temperature
With power ratings to 22 Watts and voltage ratings as
high as 6,000 volts in an axial-lead resistor with values to
30 Megohms, the Type MS Power Film Resistors deliver
the performance capabilities that can simplify circuit
design and reduce equipment cost and complexity.
Type MS Power Film Resistors provide all these features in
a single resistor:
• Full power and voltage ratings, without derating:
- for non-inductive performance.
- for high resistance values that extend the critical
resistance value up to 10 times.
• Higher voltage ratings without the limitations of minimum
wire size and spacing.
• Excellent long-term stability.
Tests demonstrate typical stability of 0.05% per 1,000
hours over extended life.
Micronox® Resistance Films
Type MS performance begins with Caddock's Micronox®
complex metal oxide resistance films. Produced exclusively
by Caddock Electronics, these proven complex oxide films
have been used reliably for over 30 years in Caddock's
precision power resistor products.
Micronox® resistance films are fired directly onto a
ceramic core at temperatures above 1400°F (760°C). These
resistance films have demonstrated outstanding stability
when exposed to a high ambient temperature, thermal shock
and high power densities.
This unique approach to precision power resistors opens
new design possibilities by providing a wider resistance
range, precise temperature characteristics, and higher
temperature and power handling capability.
The Serpentine Pattern used in this patented product
contain features which enhance high stability in
High-Power Resistor applications.
Most models are manufactured with Caddock's
Non-Inductive serpentine resistive pattern that provides for
neighboring lines to carry current in opposite directions,
thereby achieving maximum cancellation of flux fields over
the entire length of the resistor. This efficient non-inductive
construction is accomplished without derating of any
performance advantages.
The result is a truly non-inductive resistor that is about as
inductive as a straight piece of wire the length of the resistor
body. This efficient design means faster settling times and
minimum distortion in all types of high frequency circuits.
Manufacturing Control
Type MS Resistors are produced under intensive
manufacturing controls with processes which include power
conditioning, overvoltage conditioning, and maximum
temperature conditioning.
Quality Control
From the certification and testing of all materials, to the
supervision of manufacturing processes, all Caddock Type
MS Power Film Resistors are produced under procedures
that have been approved for conformance to the
requirements of Mil-I-45208 in many recent surveys as
described on page 8.
Reliability Verification
Type MS resistors are included in the Caddock Reliability
Testing Program. Conformance to specification parameters
including Extended Life, Shock, Vibration, and Humidity are
verified on a periodic basis. Data from Type MS resistors
can be compared by similarity to other Caddock resistor
types, since Type ML, MM, MS, MP, MG, and MK represent
an identical combination of materials - aluminum oxide
substrate, Micronox® resistance film, and silicone insulating
coating.
Carefully Controlled Manufacturing and Test Procedures Assure Compliance with
Strict Quality Control Requirements.
N Caddock's
Non-Inductive
Design
Type MS Power Film Resistors
Certain products shown in this catalog are covered by one or more patents,
there are also patents pending.
Page 1 of 2


Similar Part No. - MS150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS150 ETC2-MS150 Datasheet
233Kb / 2P
Power Film Resistors
logo
Advanced Power Technolo...
MS1501 ADPOW-MS1501 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1502 ADPOW-MS1502 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1503 ADPOW-MS1503 Datasheet
99Kb / 3P
RF & MICROWAVE TRANSISTORS WIDE BAND VHF/UHF APPLICATIONS
logo
Microsemi Corporation
MS1504 MICROSEMI-MS1504 Datasheet
173Kb / 4P
RF & MICROWAVE TRANSISTORS
More results

Similar Description - MS150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HCA0207 VISHAY-HCA0207 Datasheet
108Kb / 2P
Carbon Film Resistors, Power Type
02-Aug-02
HMA0207 VISHAY-HMA0207 Datasheet
115Kb / 2P
Metal Film Resistors, Power Type, Miniature
02-Aug-02
logo
List of Unclassifed Man...
MP312 ETC2-MP312 Datasheet
107Kb / 1P
Power Film Resistors
MS126 ETC2-MS126 Datasheet
233Kb / 2P
Power Film Resistors
logo
Riedon Powertron
NPR2-T126 RIEDON-NPR2-T126 Datasheet
293Kb / 2P
Power Film Resistors
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
105Kb / 3P
Thin Film Power Resistors
29-Apr-15
logo
List of Unclassifed Man...
TNP10S ETC2-TNP10S Datasheet
1Mb / 2P
Power Thun Film Resistors
logo
Caddock Electronics, In...
MV217 CADDOCK-MV217 Datasheet
297Kb / 1P
Type MV Low Resistance Power Film Resistors
MV217 CADDOCK-MV217_17 Datasheet
478Kb / 1P
Type MV Low Resistance Power Film Resistors
MK200 CADDOCK-MK200 Datasheet
430Kb / 2P
Type MK Precision Power Film Radial-Lead Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com